Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS477Z-SL-A Datasheet(PDF) 6 Page - Anachip Corp

Part # ATS477Z-SL-A
Description  Single Phase Hal Efect Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS477Z-SL-A Datasheet(HTML) 6 Page - Anachip Corp

  ATS477Z-SL-A Datasheet HTML 1Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 2Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 3Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 4Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 5Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 6Page - Anachip Corp ATS477Z-SL-A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Single Phase Hall Effect Latch
ATS477
Anachip Corp.
www.anachip.com.tw
Rev. A5 Apr 15, 2004
6/7
ATC
Package Information
(1) SIP-4L
Active Area Depth
Package Sensor Location
Marking side
0.7mm
1.50mm
1.35mm
123
4
Package Dimension
14.25mm
+/-1.25mm
1.03mm
+/-0.1
1.55mm
+/-0.1mm
0.38mm
+/-0.03mm
3.65mm
+/-0.1mm
1.42mm+/-0.1mm
1.27mm
+/-0.03mm
0.38mm
+/-0.03mm
0.30mm
+/-0.1mm
0.46mm +/-0.03mm
0.2mm Max.
5
o
-7
o
o
3
o
-5
o
3
o
-5
5
o
-7
o


Similar Part No. - ATS477Z-SL-A

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS470041033-EXL17-R0 ATS-ATS470041033-EXL17-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
ATS470052019-EXL28-R0 ATS-ATS470052019-EXL28-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
ATS470073025-EXL32-R0 ATS-ATS470073025-EXL32-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
More results

Similar Description - ATS477Z-SL-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com