Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH281Z-YA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH281Z-YA
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH281Z-YA Datasheet(HTML) 1 Page - Anachip Corp

  AH281Z-YA Datasheet HTML 1Page - Anachip Corp AH281Z-YA Datasheet HTML 2Page - Anachip Corp AH281Z-YA Datasheet HTML 3Page - Anachip Corp AH281Z-YA Datasheet HTML 4Page - Anachip Corp AH281Z-YA Datasheet HTML 5Page - Anachip Corp AH281Z-YA Datasheet HTML 6Page - Anachip Corp AH281Z-YA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH281
Hall-Effect Smart Fan Motor Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.7 Apr 16, 2004
1/7
Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Built-in Zener protection for output driver
- Operating voltage: 10V~20 V, driver start up: 8V
(minimum)
- Output current:
)
AVE
(
O
I
= 300 mA
- Package: SIP-4L, SOT89-5L
Pin Assignment
281
12
4
3
1 : VCC
2 : DO
3 : DOB
4 : GND
Front View
SIP-4L
General Description
AH281 is a monolithic fan motor controller with Hall
sensor’s capability. It contains two complementary
open-collector drivers for motor’s coil driving,
automatic lock shutdown and restart function
relatively.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is
blocked and then the automatic recovery circuit will
try to restart the motor. This function repeats while
rotor is blocked. Until the blocking is removed, the
motor recovers running normally.
Pin Descriptions
Name
Description
VCC
Input power
DO
Output pin
DOB
Output pin
GND
Ground
NC
Not connected
1
2
3
74
5
DOB
DO
GND
NC
VCC
SOT89-5L
AH281
Ordering Information
AH281 X -X X X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify
Y: SOT89-5L


Similar Part No. - AH281Z-YA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PA ANACHIP-AH280A-PA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAA ANACHIP-AH280A-PAA Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PAB ANACHIP-AH280A-PAB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
AH280A-PB ANACHIP-AH280A-PB Datasheet
180Kb / 7P
   Hall-Effect Smart Fan Driver
More results

Similar Description - AH281Z-YA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com