Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7361 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7361
Description  High-Side Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7361 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7361 Datasheet HTML 1Page - Fairchild Semiconductor FAN7361 Datasheet HTML 2Page - Fairchild Semiconductor FAN7361 Datasheet HTML 3Page - Fairchild Semiconductor FAN7361 Datasheet HTML 4Page - Fairchild Semiconductor FAN7361 Datasheet HTML 5Page - Fairchild Semiconductor FAN7361 Datasheet HTML 6Page - Fairchild Semiconductor FAN7361 Datasheet HTML 7Page - Fairchild Semiconductor FAN7361 Datasheet HTML 8Page - Fairchild Semiconductor FAN7361 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7361, FAN7362 Rev. 1.0.5
5
Electrical Characteristics
VBIAS(VCC, VBS)=15.0V, TA = 25°C, unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and VS is applicable to HO and LO.
VBSUV+
VBS Supply Under-Voltage Positive Going
Threshold
VIN=0V
FAN7361
8.2
9.2
10.2
V
FAN7362
7.6
8.6
9.6
VBSUV-
VBS Supply Under-Voltage Negative
Going Threshold
VIN=0V
FAN7361
7.4
8.6
9.2
FAN7362
7.2
8.2
9.2
VBSHYS
VBS Supply Under-Current Lockout
Hysteresis
VIN=0V
FAN7361
0.5
FAN7362
0.4
ILK
Offset Supply Leakage Current
VB=VS=H =600V
10
µA
IQBS
Quiescent VBS Supply Current
VIN=0V or 5V
50
80
IQCC
Quiescent VCC Supply Current
VIN=0V
30
75
IPBS
Operating VBS Supply Current
CL=1nF, f=10kHz
420
550
VIH
Logic "1" Input Voltage
FAN7361
3.6
V
FAN7362
2.9
VIL
Logic "0" Input Voltage
FAN7361
1.0
FAN7362
0.8
VOH
High Level Output Voltage, VB-VHO
No load
0.1
VOL
Low Level Output Voltage, VHO
No load
0.1
IIN+
Logic "1" Input Bias Current
VIN=5V
50
90
µA
IIN-
Logic "0" Input Bias Current
VIN=0V
1.0
2.0
IO+
Output High Short Circuit Pulse Current
VHO=0V, VIN=5V, PW ≤ 10µs
200
250
mA
IO-
Output Low Short Circuit Pulse Current
VHO=15V, VIN=0V,PW ≤ 10µs
400
500
VS
Allowable Negative VS P Voltage for IN
Signal Propagation to HO
-9.8
-7
V
Dynamic Electrical Characteristics
VBIAS(VCC, VBS)=15.0V, VS=COM, CL=1000pF and TA = 25°C, unless otherwise specified.
ton
Turn-on Propagation Delay
VS=0V
120
200
nsec
toff
Turn-off Propagation Delay
VS=0V or 600V
90
180
tr
Turn-on Rise Time
70
160
tf
Turn-off Fall Time
30
100
Symbol
Characteristics
Test Condition
Min. Typ. Max. Unit
Symbol
Characteristics
Test Condition
Min. Typ. Max. Unit


Similar Part No. - FAN7361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7361 FAIRCHILD-FAN7361 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7361 FAIRCHILD-FAN7361 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7361 FAIRCHILD-FAN7361 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN73611 FAIRCHILD-FAN73611 Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
More results

Similar Description - FAN7361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com