Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS477Z-SLA-A Datasheet(PDF) 4 Page - Anachip Corp

Part # ATS477Z-SLA-A
Description  Single Phase Hal Efect Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS477Z-SLA-A Datasheet(HTML) 4 Page - Anachip Corp

  ATS477Z-SLA-A Datasheet HTML 1Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 2Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 3Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 4Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 5Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 6Page - Anachip Corp ATS477Z-SLA-A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Single Phase Hall Effect Latch
ATS477
Anachip Corp.
www.anachip.com.tw
Rev. A5 Apr 15, 2004
4/7
ATC
Absolute Maximum Ratings ( at Ta=25oC )
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
20
V
Magnetic flux density
B
Unlimited
Continuous
250
Hold
300
Output “on” current
Peak (Start Up)
Ic
600
mA
Operating temperature range
Ta
-20~+85
°C
Storage temperature range
Ts
-65~+150
°C
SIP-4L
550
mW
Package Power
Dissipation
SOP-7L
PD
800
mW (Note 1)
(Note 1) Ground pin must connect to large area copper on PCB as possible.
Electrical Characteristics ( Ta=+25°C, Vcc=3.5V to 20V )
Characteristic
Symbol
Test Conditions
Min
Typ
Max Unit
Supply Voltage
Vcc
3.5
20
V
Vce(sink)
Vcc=14V, Ic=200mA
500
800
mV
Output
Saturation
Voltage
Vce(drive)
Vcc=14V, Ic=200mA
Vcc-1.5
Vcc
V
FG Saturation Voltage
Vce
Vcc=14V, IFG=20mA
0.3
0.7
V
Supply Current
Icc
Vcc=20V, Output Open
18
30
mA
Output Rise Time
tr
Vcc=14V, RL=820
Ω, CL=20pF
1.0
5.0
µs
Output Falling Time
tf
Vcc=14V, RL=820
Ω, CL=20pF
0.3
1.5
µs
Switch Time Differential
∆t
Vcc=14V, RL=820
Ω, CL=20pF
1.0
5.0
µs
Magnetic Characteristics (Ta=+25°C)
(1mT=10Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
5
-
70
Gauss
Release Point
Brp
-70
-
-5
Gauss
Hysteresis
Bhy
-
60
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhy
-
60
-
Gauss


Similar Part No. - ATS477Z-SLA-A

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS470041033-EXL17-R0 ATS-ATS470041033-EXL17-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
ATS470052019-EXL28-R0 ATS-ATS470052019-EXL28-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
ATS470073025-EXL32-R0 ATS-ATS470073025-EXL32-R0 Datasheet
2Mb / 1P
   ATS Extrusion Profiles
More results

Similar Description - ATS477Z-SLA-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com