Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH76150-53 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DH76150-53
Description  TUNING VARACTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH76150-53 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DH76150-53 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH76150-53 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1-32
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
Description
This series of silicon tuning varactors have an epitaxial mesa design with a high temperature
passivation. This technology is used to produce abrupt tuning varactor in SOT23 package. This family
is designed for a low cost medium to high volume market that may be supplied in tape and reel
for automated pick and place assembly on surface mount circuit boards.
Applications
The DH71000 series abrupt tuning varactor are offered in a large selection of capacitance range.
They provide the highest Q factor (low reverse series resistance) available for a 30 volts silicon device.
Typical applications include low noise narrow and moderate frequency bandwidth applications
(VCO mainly) from HF to Microwave frequencies (up to 3 GHz). Other applications are voltage tuned
filters, phase shifters, delay line, etc.
NOTE: Variation of the junction capacitance versus reverse voltage follows this equation:
Cj (Vr)
Cj (0 V)
1 + Vr
φ
Vr :
Reverse voltage
φ : Built-in potential .7V for Si
γ : .5 for abrupt tuning varactor
TUNING VARACTOR
Plastic package Surface Mount Silicon abrupt tuning varactor
[ ]
SOT23 SURFACE MOUNT SILICON ABRUPT
TUNING VARACTOR
γ
=


Similar Part No. - DH76150-53

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
DH77 ETC2-DH77 Datasheet
131Kb / 2P
   MINIATURE DOUBLE-DIODE-TRIODE
More results

Similar Description - DH76150-53

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1404H ASI-MV1404H Datasheet
14Kb / 1P
   TUNING VARACTOR
MV1405HX ASI-MV1405HX Datasheet
14Kb / 1P
   TUNING VARACTOR
DKV6516 ASI-DKV6516 Datasheet
17Kb / 1P
   TUNING VARACTOR
MV1404 ASI-MV1404 Datasheet
11Kb / 1P
   TUNING VARACTOR
1N5140A ASI-1N5140A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
1N5148 ASI-1N5148 Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5439 NJSEMI-1N5439 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
logo
Advanced Semiconductor
1N5142 ASI-1N5142 Datasheet
15Kb / 1P
   TUNING VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com