Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11K0CFN4 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68HC11K0CFN4
Description  Technical Summary 8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11K0CFN4 Datasheet(HTML) 3 Page - Motorola, Inc

  MC68HC11K0CFN4 Datasheet HTML 1Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 2Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 3Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 4Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 5Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 6Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 7Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 8Page - Motorola, Inc MC68HC11K0CFN4 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
M68HC11 K Series
MOTOROLA
MC68HC11KTS/D
3
84-Pin CLCC
(Windowed)
–40
°to + 85°C
$DF
EPROM
2 MHz
MC68HC711K4CFS2
3 MHz
MC68HC711K4CFS3
4 MHz
MC68HC711K4CFS4
–40
°to + 105°C
$DF
EPROM
2 MHz
MC68HC711K4VFS2
3 MHz
MC68HC711K4VFS3
4 MHz
MC68HC711K4VFS4
–40
°to + 125°C
$DF
EPROM
2 MHz
MC68HC711K4MFS2
3 MHz
MC68HC711K4MFS3
4 MHz
MC68HC711K4MFS4
Table 2 Extended Voltage (3.0 Vdc to 5.5 Vdc) Device Ordering Information
Package
Temperature
Description
Frequency
MC Order Number
84-Pin PLCC
–20
°to + 70°C
Custom ROM
1 MHz
MC68L11K4FN1
3 MHz
MC68L11K4FN3
No ROM
1 MHz
MC68L11K1FN1
3 MHz
MC68L11K1FN3
No ROM, No EEPROM
1 MHz
MC68L11K0FN1
3 MHz
MC68L11K0FN3
Custom ROM, No EEPROM
1 MHz
MC68L11K3FN1
3 MHz
MC68L11K3FN3
80-Pin QFP
–20
°to + 70°C
Custom ROM
1 MHz
MC68L11K4FU1
3 MHz
MC68L11K4FU3
No ROM
1 MHz
MC68L11K1FU1
3 MHz
MC68L11K1FU3
No ROM, No EEPROM
1 MHz
MC68L11K0FU1
3 MHz
MC68L11K0FU3
Custom ROM, No EEPROM
1 MHz
MC68L11K3FU1
3 MHz
MC68L11K3FU3
Table 1 Standard Device Ordering Information (Continued)
Package
Temperature
CONFIG
Description
Frequency
MC Order Number


Similar Part No. - MC68HC11K0CFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K0CFN4 MOTOROLA-MC68HC11K0CFN4 Datasheet
420Kb / 80P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K0CFN4 FREESCALE-MC68HC11K0CFN4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11K0CFN4 FREESCALE-MC68HC11K0CFN4 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11K0CFN4 NXP-MC68HC11K0CFN4 Datasheet
909Kb / 80P
   8-Bit Microcontroller
More results

Similar Description - MC68HC11K0CFN4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Freescale Semiconductor...
MC68HC705L5FUE FREESCALE-MC68HC705L5FUE Datasheet
2Mb / 55P
   Techinical Summary 8-Bit Microcontroller Unit
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
   Technical Summary
logo
NXP Semiconductors
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
   MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com