Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AM86 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-AM86
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AM86 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-AM86 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AM86 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
Device Selection Guide
Notes:
1. Tolerance for luminous intensity measurement is ±15%
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. The dominant wavelength
λd is derived from the Chromaticity Diagram and represents the color of the lamp.
5. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
NOTES:
DIMENSIONS IN MILLIMETERS (INCHES).
FOR BLUE AND GREEN, IF HEAT-SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE.
A
B
Part Number
Color
Typ. Dominant
Wavelength
λd
(nm)
Luminous Intensity
Iv (cd) at 20mA
Lens Type
Standoffs
Package
Drawing
Min.
Max.
HLMP-AD85-RU0xx
Red
630
1.50
4.20
Tinted, diffused
No
A
HLMP-AD87-RU0xx
Red
630
1.50
4.20
Tinted, diffused
Yes
B
HLMP-AM86-TW0xx
Green
525
2.50
7.20
Tinted, diffused
No
A
HLMP-AM87-TW0xx
Green
525
2.50
7.20
Tinted, diffused
Yes
B
HLMP-AB86-MQ0xx
Blue
470
0.52
1.50
Tinted, diffused
No
A
HLMP-AB87-MQ0xx
Blue
470
0.52
1.50
Tinted, diffused
Yes
B
0.8
0.016.
5.2±0.2
0.205±.008
2.54±0.3
0.100±0.012
1.0
0.038
0.50±0.10
0.020±0.004
8.55±0.25
0.337±.010
CATHODE LEAD
MAX. Epoxy Meniscus
MIN.
0.4±0.1
0.016±0.004
24.00±0.20
0.945±0.008
3.8±0.20
0.150±0.008
0.8
0.016.
5.2±0.2
0.205±.008
1.25±0.20
0.049±0.008
2.54±0.3
0.100±0.012
1.0
0.038
0.50±0.10
0.020±0.004
8.55±0.25
0.337±.010
11.80±0.25
0.465±.010
CATHODE LEAD
MAX. Epoxy Meniscus
MIN.
0.4±0.1
0.016±0.004
24.00±0.20
0.945±0.008
3.8±0.20
0.150±0.008


Similar Part No. - HLMP-AM86

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM86 AVAGO-HLMP-AM86 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AM86-TW000 AVAGO-HLMP-AM86-TW000 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AM86-TW0DD AVAGO-HLMP-AM86-TW0DD Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AM86-TW0ZZ AVAGO-HLMP-AM86-TW0ZZ Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results

Similar Description - HLMP-AM86

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com