Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC711K4CFS2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC68HC711K4CFS2
Description  Technical Summary 8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC711K4CFS2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC68HC711K4CFS2 Datasheet HTML 4Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 5Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 6Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 7Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 8Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 9Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 10Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 11Page - Motorola, Inc MC68HC711K4CFS2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Section
Page
MOTOROLA
M68HC11 K Series
8
MC68HC11KTS/D
1
Features
1
2
Operating Modes
11
2.1
Single-Chip Operating Mode ..................................................................................................... 11
2.2
Expanded Operating Mode ....................................................................................................... 11
2.3
Bootstrap Mode ......................................................................................................................... 11
2.4
Special Test Mode ..................................................................................................................... 11
2.5
Mode Selection .......................................................................................................................... 11
3
On-Chip Memory
14
3.1
Memory Map and Register Block .............................................................................................. 14
3.2
RAM .......................................................................................................................................... 17
3.3
ROM/EPROM ............................................................................................................................ 18
3.4
EEPROM ................................................................................................................................... 22
3.5
Configuration Control Register (CONFIG) ................................................................................. 24
3.6
Security Feature ........................................................................................................................ 25
4
Memory Expansion and Chip Selects
27
4.1
Memory Expansion .................................................................................................................... 27
4.2
Overlap Guidelines .................................................................................................................... 30
4.3
Chip Selects .............................................................................................................................. 30
4.3.1
Program Chip Select (CSPROG) ................................................................................... 31
4.3.2
I/O Chip Select (CSIO) ................................................................................................... 31
4.3.3
General-Purpose Chip Selects (CSGP1, CSGP2) ......................................................... 32
4.3.4
Chip Select Priorities ...................................................................................................... 32
4.3.5
Chip Select Control Registers ........................................................................................ 32
4.3.6
Examples of Memory Expansion Using Chip Selects ..................................................... 35
5
Resets and Interrupts
38
6
Parallel Input/Output
42
7
Serial Communications Interface
49
8
Serial Peripheral Interface
56
9
Analog-to-Digital Converter
60
10
Main Timer
64
10.1
Real-Time Interrupt ................................................................................................................... 70
11
Pulse Accumulator
71
12
Pulse-Width Modulation Timer
74
12.1
PWM Boundary Cases .............................................................................................................. 78
TABLE OF CONTENTS


Similar Part No. - MC68HC711K4CFS2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711K4CFS2 MOTOROLA-MC68HC711K4CFS2 Datasheet
420Kb / 80P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC711K4CFS2 FREESCALE-MC68HC711K4CFS2 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC711K4CFS2 NXP-MC68HC711K4CFS2 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68HC711K4CFS2 NXP-MC68HC711K4CFS2 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68HC711K4CFS2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Freescale Semiconductor...
MC68HC705L5FUE FREESCALE-MC68HC705L5FUE Datasheet
2Mb / 55P
   Techinical Summary 8-Bit Microcontroller Unit
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
   Technical Summary
logo
NXP Semiconductors
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
   MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com