Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2808U0C-FCB0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F2808U0C-FCB0
Description  16M x 8 Bit NAND Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0C-FCB0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F2808U0C-FCB0 Datasheet HTML 5Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 6Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 7Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 8Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 9Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 10Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 11Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 12Page - Samsung semiconductor K9F2808U0C-FCB0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FLASH MEMORY
9
K9F2808U0C
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
NOTE : VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for durations of 20 ns or less.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating
Current
Sequential Read
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-10
20
mA
Program
ICC2-
-
10
20
Erase
ICC3-
-
10
20
Stand-by Current(TTL)
ISB1CE=VIH, WP=0V/VCC
--
1
Stand-by Current(CMOS)
ISB2CE=VCC-0.2, WP=0V/VCC
-10
50
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±10
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±10
Input High Voltage
VIH*
I/O pins
2.0
-
VCCQ+0.3
V
Except I/O pins
2.0
-
VCC+0.3
Input Low Voltage, All inputs
VIL*
--0.3
-
0.8
Output High Voltage Level
VOH
IOH=-400
µA2.4
-
-
Output Low Voltage Level
VOL
IOL=2.1mA
-
-
0.4
Output Low Current(R/B)IOL(R/B)VOL=0.4V
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F2808U0C-XCB0
:TA=0 to 70°C, K9F2808U0C-XIB0:TA=-40 to 85°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
2.7
3.3
3.6
V
Supply Voltage
VCCQ
2.7
3.3
3.6
V
Supply Voltage
VSS
00
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 4.6
V
VCC
-0.6 to + 4.6
VCCQ
-0.6 to + 4.6
Temperature Under Bias
K9F2808U0C-XCB0
TBIAS
-10 to +125
°C
K9F2808U0C-XIB0
-40 to +125
Storage Temperature
K9F2808U0C-XCB0
TSTG
-65 to +150
°C
K9F2808U0C-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9F2808U0C-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0C-DCB0 SAMSUNG-K9F2808U0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-DIB0 SAMSUNG-K9F2808U0C-DIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VCB0 SAMSUNG-K9F2808U0C-VCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VIB0 SAMSUNG-K9F2808U0C-VIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0C-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com