Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2808U0C-FIB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9F2808U0C-FIB0
Description  16M x 8 Bit NAND Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0C-FIB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9F2808U0C-FIB0 Datasheet HTML 4Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 5Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 6Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 7Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 8Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 9Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 10Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 11Page - Samsung semiconductor K9F2808U0C-FIB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FLASH MEMORY
8
K9F2808U0C
PRODUCT INTRODUCTION
The K9F2808U0C is a 132Mbit(138,412,032 bit) memory organized as 32,768 rows(pages) by 528 columns. Spare eight columns are
located from column address of 512~527. A 528-byte data register is connected to memory cell arrays accommodating data transfer
between the I/O buffers and memory during page read and page program operations. The memory array is made up of 16 cells that
are serially connected to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of two NAND struc-
tured strings. A NAND structure consists of 16 cells. Total 135168 NAND cells reside in a block. The array organization is shown in
Figure 2-1,2-2. The program and read operations are executed on a page basis, while the erase operation is executed on a block
basis. The memory array consists of 1024 separately erasable 16K-Byte blocks. It indicates that the bit by bit erase operation is pro-
hibited on the K9F2808U0C.
The K9F2808U0C has addresses multiplexed into 8 I/Os. This scheme dramatically reduces pin counts while providing high perfor-
mance and allows systems upgrades to future densities by maintaining consistency in system board design. Command, address and
data are all written through I/O’s by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch
Enable(CLE) and Address Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some com-
mands require one bus cycle. For example, Reset command, Read command, Status Read command, etc require just one cycle bus.
Some other commands like Page Program and Block Erase, require two cycles: one cycle for setup and the other cycle for execution.
The 16K-byte physical space requires 24 addresses, thereby requiring three cycles for word-level addressing: column address, low
row address and high row address, in that order. Page Read and Page Program need the same three address cycles following the
required command input. In Block Erase operation, however, only the two row address cycles are used. Device operations are
selected by writing specific commands into the command register. Table 1 defines the specific commands of the K9F2808U0C.
The device includes one block sized OTP(One Time Programmable), which can be used to increase system security or to provide
identification capabilities. Detailed information can be obtained by contact with Samsung.
Table 1. COMMAND SETS
NOTE: 1. The 00h command defines starting address of the 1st half of registers.
The 01h command defines starting address of the 2nd half of registers.
After data access on 2nd half of register by the 01h command, start pointer is automatically moved to
1st half register(00h) on the next cycle.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read 1
00h/01h(1)
-
Read 2
50h
-
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Block Erase
60h
D0h
Read Status
70h
-
O
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.


Similar Part No. - K9F2808U0C-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0C-DCB0 SAMSUNG-K9F2808U0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-DIB0 SAMSUNG-K9F2808U0C-DIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VCB0 SAMSUNG-K9F2808U0C-VCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808U0C-VIB0 SAMSUNG-K9F2808U0C-VIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0C-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com