Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2816U0C-HIB0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9F2816U0C-HIB0
Description  16M x 8 Bit NAND Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2816U0C-HIB0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9F2816U0C-HIB0 Datasheet HTML 2Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 3Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 4Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 5Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 6Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 7Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 8Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 9Page - Samsung semiconductor K9F2816U0C-HIB0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
FLASH MEMORY
6
K9F2808U0C
PIN DESCRIPTION
NOTE :
Connect all VCC and VSS pins of each device to common power supply outputs.
Do not leave VCC or VSS disconnected.
Pin Name
Pin Function
I/O0 ~ I/O7
DATA INPUTS/OUTPUTS
The I/O pins are used to input command, address and data, and to output data during read operations. The I/
O pins float to high-z when the chip is deselected or when the outputs are disabled.
CLE
COMMAND LATCH ENABLE
The CLE input controls the activating path for commands sent to the command register. When active high,
commands are latched into the command register through the I/O ports on the rising edge of the WE signal.
ALE
ADDRESS LATCH ENABLE
The ALE input controls the activating path for address to the internal address registers. Addresses are
latched on the rising edge of WE with ALE high.
CE
CHIP ENABLE
The CE input is the device selection control. When the device is in the Busy state, CE high is ignored, and
the device does not return to standby mode in program or erase operation. Regarding CE control during
read operation, refer to ’Page read’ section of Device operation .
RE
READ ENABLE
The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid
tREA after the falling edge of RE which also increments the internal column address counter by one.
WE
WRITE ENABLE
The WE input controls writes to the I/O port. Commands, address and data are latched on the rising edge of
the WE pulse.
WP
WRITE PROTECT
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage
generator is reset when the WP pin is active low.
R/B
READY/BUSY OUTPUT
The R/B output indicates the status of the device operation. When low, it indicates that a program, erase or
random read operation is in process and returns to high state upon completion. It is an open drain output and
does not float to high-z condition when the chip is deselected or when outputs are disabled.
VccQ
OUTPUT BUFFER POWER
VccQ is the power supply for Output Buffer.
VccQ is internally connected to Vcc, thus should be biased to Vcc.
Vcc
POWER
VCC is the power supply for device.
Vss
GROUND
N.C
NO CONNECTION
Lead is not internally connected.
GND
GND INPUT FOR ENABLING SPARE AREA
To do sequential read mode including spare area , connect this input pin to Vss or set to static low state
or to do sequential read mode excluding spare area , connect this input pin to Vcc or set to static high state.
DNU
DO NOT USE
Leave it disconnected.


Similar Part No. - K9F2816U0C-HIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2816U0C-DCB0 SAMSUNG-K9F2816U0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2816U0C-DIB0 SAMSUNG-K9F2816U0C-DIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2816U0C-YCB0 SAMSUNG-K9F2816U0C-YCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2816U0C-YIB0 SAMSUNG-K9F2816U0C-YIB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F2816U0C-HIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com