Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12C1254AD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STC12C1254AD
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C1254AD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STC12C1254AD Datasheet HTML 3Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12C1254AD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
工作
电压(V)
Flash
 程序
存储器
字节
SRAM
字节
UART
PCA
PWM
A/D I/O
内置
复位
EEP
ROM
字节
封装
20-Pin
STC12C0552
3.4 - 5.5
512
256
2路
15
有 DIP/SOP
STC12C0552AD
3.4 - 5.5
512
256
2路
15
有 DIP/SOP
STC12C1052
3.4 - 5.5
1K
256
2路
15
有 DIP/SOP
STC12C1052AD
3.4 - 5.5
1K
256
2路
15
有 DIP/SOP
STC12C2052
3.4 - 5.5
2K
256
2路
15
有 DIP/SOP
STC12C2052AD
3.4 - 5.5
2K
256
2路
15
有 DIP/SOP
STC12C3052
3.4 - 5.5
3K
256
2路
15
有 DIP/SOP
STC12C3052AD
3.4 - 5.5
3K
256
2路
15
有 DIP/SOP
STC12C4052
3.4 - 5.5
4K
256
2路
15
有 DIP/SOP
STC12C4052AD
3.4 - 5.5
4K
256
2路
15
有 DIP/SOP
STC12C5052
3.4 - 5.5
5K
256
2路
15
有 DIP/SOP
STC12C5052AD
3.4 - 5.5
5K
256
2路
15
有 DIP/SOP
STC12LE0552
2.4 - 3.8
512
256
2路
15
有 DIP/SOP
STC12LE0552AD
2.4 - 3.8
512
256
2路
15
有 DIP/SOP
STC12LE1052
2.4 - 3.8
1K
256
2路
15
有 DIP/SOP
STC12LE1052AD
2.4 - 3.8
1K
256
2路
15
有 DIP/SOP
STC12LE2052
2.4 - 3.8
2K
256
2路
15
有 DIP/SOP
STC12LE2052AD
2.4 - 3.8
2K
256
2路
15
有 DIP/SOP
STC12LE3052
2.4 - 3.8
3K
256
2路
15
有 DIP/SOP
STC12LE3052AD
2.4 - 3.8
3K
256
2路
15
有 DIP/SOP
STC12LE4052
2.4 - 3.8
4K
256
2路
15
有 DIP/SOP
STC12LE4052AD
2.4 - 3.8
4K
256
2路
15
有 DIP/SOP
STC12LE5052
2.4 - 3.8
5K
256
2路
15
有 DIP/SOP
STC12LE5052AD
2.4 - 3.8
5K
256
2路
15
有 DIP/SOP
STC12C2052AD 系列单片机选型一览表(全部有 ISP 功能):


Similar Part No. - STC12C1254AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com