Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH620-1X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFH620-1X
Description  AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SFH620-1X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFH620-1X Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH620-1X Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH620-1X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92307-AAS/A1
30/7/97
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.65
V
I
F = ±50mA
Output
Collector-emitter Breakdown (BV
CEO)70
V
I
C = 1mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
SFH620-1,2
50
nA
V
CE = 10V
SFH620-3
100
nA
Coupled
Current Transfer Ratio (CTR) (Note 2)
SFH620-1
40
125
%
±10mA I
F , 5V VCE
SFH620-2
63
200
%
SFH620-3
100
320
%
SFH620-1
13
%
±1mA I
F , 5V VCE
SFH620-2
22
%
SFH620-3
34
%
Collector-emitter Saturation Voltage V
CESAT
0.4
V
±10mA I
F , 2.5mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
1.
Linear Operation (without saturation) Fig 1.
I
F = 10mA, VCC = 5V, RL = 75Ω, TA = 25°C
t
on
t
r
t
off
t
f
F
CO
UNITS
Turn-on Time
Rise Time
Turn-off Time
Fall Time
Cut-off Frequency
µs
µs
µs
µs
kHz
3.0
2.0
2.3
2.0
250
SWITCHING CHARACTERISTICS
Output
Output
Input
10%
90%
90%
10%
t
on
t
r
FIG 1
t
off
t
f
R
L = 75Ω
V
CC


Similar Part No. - SFH620-1X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6206 INFINEON-SFH6206 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6206 VISHAY-SFH6206 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH6206 VISHAY-SFH6206 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
SFH6206 VISHAY-SFH6206 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
logo
Infineon Technologies A...
SFH6206-1 INFINEON-SFH6206-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
More results

Similar Description - SFH620-1X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
SFH620A-1 ISOCOM-SFH620A-1 Datasheet
437Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNY35X ETC-CNY35X Datasheet
44Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS733 ETC-IS733 Datasheet
38Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS126 ETC-IS126 Datasheet
786Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com