Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F76UV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB15F76UV
Description  ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F76UV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB15F76UV Datasheet HTML 3Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 4Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 5Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 6Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 7Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 8Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 9Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 10Page - Fujitsu Component Limited. MB15F76UV Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
MB15F76UV
Aug. 2003
Edition 0.2
(Continued)
(VCC = 2.4 to 3.6 V, Ta = –40 to +85
°C)
*1: Conditions; fosc=12.8MHz, Ta = 25
°C, SW="L" in locking state.
*2: Vcc=2.7V, fosc=12.8MHz, Ta = 25
°C, in power saving mode.
*3: AC coupling. 1000pF capacitor is connected under the condition of min. operating frequency.
*4: The symbol "-"(minus) means direction of current flow.
*5: Vcc=3.0V, Ta=25
°C
( ||I3| - |I4|| ) / [( |I3| + |I4| )/2] x 100(%)
*6: Vcc=3.0V, Ta=25
°C
[( ||I2| - |I1|| ) /2 ] / [( |I1| + |I2| )/2] x 100(%) (Applied to each IDOL, IDOH)
*7: Vcc=3.0V, [(||IDO(85C)| - |IDO(-40C)||) /2] / [(|IDO(85C)| + |IDO(-40C)|) /2] x 100(%) (Applied to each IDOL, IDOH)
*8: When Charge pump current is measured, set LDS="0", T1="0" and T2="1".
*9: PSIF=PSRF=GND (VIL=GND and VIH=Vcc for Clock, Data, LE)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
"H"level Output current
DoTX*8
DoRX
IDOH*4
VCC=2.7 V
VDOH=Vcc /2
Ta= 25
°C
CS bit ="1"
-8.2
-6.0
-4.1
mA
CS bit ="0"
-2.2
-1.5
-0.8
"L" level Output current
IDOL
VCC=2.7 V
VDOL=Vcc/2
Ta= 25
°C
CS bit ="1"
4.1
6.0
8.2
CS bit ="0"
0.8
1.5
2.2
Charge pump
current rate
IDOL/IDOH
IDOMT*5
VDO=Vcc/2
3
10
%
vs VDO
IDOVD*6
0.5V < VDO < Vcc-0.5V
10
15
%
vs Ta
IDOTA*7
-40
°C < Ta < 85 °C,
VDO=Vcc/2
–5
10
%
Output voltage(V)
Vcc/2
Vcc-
0.5
Vcc
0.5
I2
I4
I1
I1
I3
I2


Similar Part No. - MB15F76UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F76UL FUJITSU-MB15F76UL Datasheet
117Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F76UL FUJITSU-MB15F76UL Datasheet
257Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F76ULPVA FUJITSU-MB15F76ULPVA Datasheet
257Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F76UL FUJITSU-MB15F76UL_02 Datasheet
257Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F76UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F74UV FUJITSU-MB15F74UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F76UL FUJITSU-MB15F76UL Datasheet
117Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB1504 FUJITSU-MB1504 Datasheet
241Kb / 19P
   ASSP SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com