Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M4V4S40CTP-15 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M4V4S40CTP-15
Description  4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V4S40CTP-15 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M4V4S40CTP-15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-15 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
M5M4V4S40CTP-12, -15
Feb ‘97 Preliminary
MITSUBISHI LSIs
4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
MITSUBISHI ELECTRIC
SDRAM (Rev. 0.3)
BASIC FUNCTIONS
The M5M4V4S40CTP has the following basic functions, bank (row) activate, burst read/write, bank
(row) precharge, and auto/self refresh. Each command is defined by the control signals (/RAS, /CAS and
/WE) at the rising edge of CLK. The inputs /CS ,CKE and A8 are used for chip select, refresh options, and
precharge options, respectively.
Please see the command truth table for detailed definitions.
Activate (ACT) [/RAS =L, /CAS =/WE =H]
The ACT command activates a row in an idle bank. The bank address, BA, is used to select which of
the two banks will be activated.
Read (READ) [/RAS =H, /CAS =L, /WE =H]
The READ command starts burst read from the active bank indicated by BA. The first output data
appears after /CAS latency. If A8 =H when READ is issued the bank is automatically precharged after
the last burst read (READA). Note: READA is not valid for FP burst operations.
Write (WRITE) [/RAS =H, /CAS =/WE =L]
The WRITE command starts burst write to the active bank indicated by BA. Total data length to be
written is set by burst length. If A8 =H when WRITE is issued the bank is automatically precharged
after the last burst write (WRITEA). Note: WRITEA is not valid for FP burst operations.
Precharge (PRE) [/RAS =L, /CAS =H, /WE =L]
The PRE command deactivates the active bank indicated by BA. This command also terminates burst
read and write operations. If A8 =H when PRE is issued both banks are automatically precharged (PREA).
Auto-Refresh (REFA) [/RAS =/CAS =L, /WE =CKE =H]
The REFA command starts an auto-refresh cycle. The refresh address, including the bank address, is
generated internally. After this command, the banks are precharged automatically.
/CS
Chip Select : L=select, H=deselect
/RAS
Command
/CAS
Command
/WE
Command
CKE
Refresh Option @refresh command
A8
Precharge Option @precharge or read/write command
CLK
define basic commands


Similar Part No. - M5M4V4S40CTP-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-5 MITSUBISHI-M5M4V4265CJ-5 Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-5S MITSUBISHI-M5M4V4265CJ-5S Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-6 MITSUBISHI-M5M4V4265CJ-6 Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-6S MITSUBISHI-M5M4V4265CJ-6S Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
More results

Similar Description - M5M4V4S40CTP-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Mitsubishi Electric Sem...
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
OKI electronic componet...
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com