Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M4V64S20ATP-8 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M4V64S20ATP-8
Description  64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S20ATP-8 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M4V64S20ATP-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
M5M4V64S20ATP-8, -10, -12
Jan'97
Preliminary
MITSUBISHI LSIs
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
MITSUBISHI ELECTRIC
SDRAM (Rev.0.2)
DESCRIPTION
The M5M4V64S20ATP is a 4-bank x 4194304-word x 4-bit
Synchronous DRAM, with LVTTL interface. All inputs and
outputs are referenced to the rising edge of CLK. The
M5M4V64S20ATP achieves very high speed data rate up to
125MHz, and is suitable for main memory or graphic memory
in computer systems.
FEATURES
- Single 3.3v±0.3v power supply
- Fully synchronous operation referenced to clock rising edge
- 4 bank operation controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2/3 (programmable)
- Burst length- 1/2/4/8 (programmable)
- Burst type- sequential / interleave (programmable)
- Column access - random
- Auto precharge / All bank precharge controlled by A10
- Auto refresh and Self refresh
- 4096 refresh cycles /64ms
- Column address A0-A9
- LVTTL Interface
- 400-mil, 54-pin Thin Small Outline Package (TSOP II) with
0.8mm lead pitch
PRELIMINARY
Some of contents are subject to change without notice.
CLK
: Master Clock
CKE
: Clock Enable
/CS
: Chip Select
/RAS
: Row Address Strobe
/CAS
: Column Address Strobe
/WE
: Write Enable
DQ0-3
: Data I/O
DQM
: Output Disable/ Write Mask
A0-11
: Address Input
BA0,1
: Bank Address
Vdd
: Power Supply
VddQ
: Power Supply for Output
Vss
: Ground
VssQ
: Ground for Output
PIN CONFIGURATION
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Vdd
VddQ
NC
DQ0
VssQ
NC
VddQ
NC
DQ1
VssQ
NC
Vdd
NC
/WE
/CAS
/RAS
/CS
BA0(A13)
BA1(A12)
A10
Vss
VssQ
NC
DQ3
VddQ
NC
VssQ
NC
DQ2
VddQ
NC
Vss
NC (Vref)
DQM
CLK
CKE
NC
A11
A8
A7
23
32
24
31
25
30
26
29
27
28
A2
A3
Vdd
A0
A1
A6
A5
A4
Vss
A9
Max.
Frequency
CLK Access
Time
M5M4V64S20ATP-8
125MHz
6ns
M5M4V64S20ATP-10
100MHz
8ns
M5M4V64S20ATP-12
83MHz
8ns
1
- Clock frequency 125MHz / 100MHz / 83MHz
NC
NC
NC
NC


Similar Part No. - M5M4V64S20ATP-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8L MITSUBISHI-M5M4V64S20ATP-8L Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S20ATP-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com