Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38858FF-HP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38858FF-HP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38858FF-HP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38858FF-HP Datasheet HTML 1Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 2Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 3Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 4Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 5Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 6Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 7Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 8Page - Renesas Technology Corp M38858FF-HP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3
VCC, VSS
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 3.0 V ±10 % to Vcc, and 0 V to Vss.
•Connected to VSS.
•In the flash memory version, this pin functions as the VPP power source input pin.
•Reference voltage input pin for A-D and D-A converters.
•Analog power source input pin for A-D and D-A converters.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure or N-channel open-drain output structure.
•8-bit I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure or N-channel open-drain output structure.
•8-bit I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•P24 to P27 (4 bits) are enabled to output large current for LED drive.
•8-bit I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•These pins function as key-on wake-up and compara-
tor input.
•These pins are enabled to control pull-up.
Power source
Table 1 Pin description (1)
Function except a port function
•Comparator reference power source
input pin
Reference voltage
Analog power source
Clock input
Clock output
I/O port P0
I/O port P1
VREF
AVSS
CNVSS input
RESET
Reset input
XIN
XOUT
P00–P07
P10–P17
P21–P27
•Key-on wake-up input pins
•Comparator input pins
•PWM output pins
•Key-on wake-up input pins
•Comparator input pins
I/O port P2
I/O port P3
P30/PWM00
P31/PWM10
P32–P37
CNVSS
P20/CMPREF


Similar Part No. - M38858FF-HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38858FF-HP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com