Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBP02M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2KBP02M
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2KBP02M Datasheet(HTML) 3 Page - Vishay Siliconix

  2KBP02M Datasheet HTML 1Page - Vishay Siliconix 2KBP02M Datasheet HTML 2Page - Vishay Siliconix 2KBP02M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2KBP005M thru 2KBP10M, 3N253 thru 3N259
Document Number 88532
08-Jul-05
Vishay Semiconductors
www.vishay.com
3
Package outline dimensions in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Leakage Characteristics Per Leg
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
20
TJ =25 °C
Pulse Width = 300
μs
1% Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
0.01
0.1
1
10
100
TJ = 100 °C
TJ =25 °C
TJ = 125 °C
Figure 5. Typical Junction Capacitance Per Leg
Reverse Voltage (V)
0.1
1
10
100
1
10
100
TJ =25 °C
f = 1.0 MHZ
Vsig = 50mVp-p
0.125 x 45o
(3.2)
0.600 (15.24)
0.560 (14.22)
0.034 (0.86)
0.028 (0.76)
0.105 (2.67)
0.085 (2.16)
0.160 (4.1)
0.140 (3.6)
0.060
(1.52)
Polarity shown on front side of case: positive lead by beveled corner
0.460 (11.68)
0.50 (12.7) Min.
0.420 (10.67)
0.500 (12.70)
0.460 (11.68)
60
(15.2)
MIN.
DIA.
0.200 (5.08)
0.180 (4.57)
Case Style KBPM


Similar Part No. - 2KBP02M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2KBP02M TRSYS-2KBP02M Datasheet
145Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
2KBP02M VISHAY-2KBP02M Datasheet
495Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 04-Jul-13
logo
Won-Top Electronics
2KBP02M WTE-2KBP02M Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Mospec Semiconductor
2KBP02M MOSPEC-2KBP02M Datasheet
193Kb / 3P
   Glass Passivated Die Construction
logo
General Semiconductor
2KBP02M GE-2KBP02M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - 2KBP02M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com