Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C08 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 24C08
Description  CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

24C08 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  24C08 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C08 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
24C08
Turbo IC, Inc. 2365 Paragon Drive, Suite I, San Jose, CA 95131
Phone: 408-392-0208
Fax: 408-392-0207
See us at www.turbo-ic.com
Rev. 4.0-10/28/01
TURBO IC PRODUCTS AND DOCUMENTS
1.
All documents are subject to change without notice. Please contact Turbo IC for the latest
revision of documents.
2.
Turbo IC does not assume any responsibility for any damage to the user that may result from
accidents or operation under abnormal conditions.
3.
Turbo IC does not assume any responsibility for the use of any circuitry other than what
embodied in a Turbo IC product. No other circuits, patents, licenses are implied.
4.
Turbo IC products are not authorized for use in life support systems or other critical systems
where component failure may endanger life. System designers should design with error
detection and correction, redundancy and back-up features.
Turbo IC, Inc.
Bus Timing
t
SU.STA
t
HD.STA
t
F
t
LOW
t
HIGH
t
LOW
t
HD.DAT
t
SU.DAT
t
R
t
SU.STO
t
BUF
t
DH
t
AA
SCL
SDA IN
SDA OUT
Part Numbers & Order Information
TU24C08BS3I
1K X 8
Serial
EEPROM
A.C. CHARACTERISTICS
Symbol
Parameter
2.7 volt
5.5 volt
Min
Max
Min
Max
Units
SCL
SCL Clock Frequency
100
400
kHZ
T
Noise Suppression Time (1)
100
100
ns
t
LOW
Clock Low Period
4.7
1.2
us
t
HIGH
Clock High Period
4.0
0.6
us
t
AA
SCL Low to SDA Data Out
0.1
4.5
0.1
0.9
us
t
BUF
Bus Free to New Start (1)
4.7
1.2
us
t
HD.STA
Start Hold Time
4.0
0.6
us
t
SU.STA
Start Set-up Time
4.7
0.6
us
t
HD.DAT
Data-in Hold Time
0
0
us
t
SU.DAT
Data-in Set-up Time
200
100
ns
t
R
SCL and SDA Rise Time (1)
1.0
0.3
us
t
F
SCL and SDA Fall Time (1)
300
300
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
us
t
DH
Data-out Hold Time
100
50
ns
t
WC
Write Cycle Time
10
10
ms
Note: 1 This parameter is characterized and not 100% tested.
Temperature
-Commercial
I -Industrial
Package
P -PDIP
S -SOIC
Voltage
3
- 2.7V to 5.5V
- 4.5V to 5.5 V
2nd generation


Similar Part No. - 24C08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C08 STMICROELECTRONICS-24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
Microchip Technology
24C08 MICROCHIP-24C08 Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Estek Electronics Co. L...
24C08 ESTEK-24C08 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C08 TGS-24C08 Datasheet
399Kb / 15P
   Two-wire Serial EEPROM
logo
ATMEL Corporation
24C08 ATMEL-24C08 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - 24C08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C64 ETC-24C64 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
24C01 ETC1-24C01 Datasheet
45Kb / 8P
   CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
   8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
   128 X 16 bIT Electrically Erasable Programmable ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com