Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-521P8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ATF-521P8
Description  High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATF-521P8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ATF-521P8 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATF-521P8 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ATF-521P8 Typical Scattering Parameters at 25
°C, V
DS = 4.5V, IDS = 280 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.613
-96.9
33.2
45.79
141.7
-39.5
0.011
51.3
0.317
-108.3
36.2
0.2
0.780
-131.8
30.0
31.50
121.6
-36.7
0.015
37.1
0.423
-138.5
33.2
0.3
0.831
-147.2
27.3
23.26
111.0
-36.2
0.015
30.6
0.466
-152.4
31.9
0.4
0.855
-156.4
25.1
18.04
104.1
-35.4
0.017
28.2
0.483
-159.9
30.3
0.5
0.860
-162.0
23.5
14.98
99.7
-35.2
0.017
27.4
0.488
-163.8
29.5
0.6
0.878
-166.7
22.0
12.62
95.6
-35.0
0.018
26.1
0.496
-167.0
28.5
0.7
0.888
-170.2
20.8
10.95
92.8
-34.6
0.019
27.4
0.497
-169.9
27.6
0.8
0.887
-172.6
19.7
9.63
90.0
-34.3
0.019
28.9
0.500
-171.7
27.0
0.9
0.894
-174.5
18.7
8.65
87.9
-33.7
0.021
28.5
0.501
-173.6
26.1
1.0
0.886
-177.2
17.9
7.82
85.4
-33.8
0.020
30.3
0.502
-175.7
25.9
1.5
0.892
175.0
14.3
5.20
76.3
-32.8
0.023
34.6
0.502
178.8
23.5
2.0
0.883
168.7
12.1
4.01
68.4
-31.2
0.027
36.7
0.492
173.6
20.2
2.5
0.890
162.8
10.2
3.24
61.5
-30.0
0.032
36.8
0.490
169.8
18.5
3.0
0.884
157.2
8.6
2.71
54.5
-28.9
0.036
39.2
0.494
165.7
16.2
4.0
0.890
146.6
6.1
2.02
40.6
-27.0
0.045
36.1
0.505
157.8
13.8
5.0
0.893
137.0
4.1
1.60
27.6
-25.5
0.053
32.4
0.529
150.3
11.9
6.0
0.896
127.9
2.3
1.31
15.4
-24.2
0.061
28.2
0.551
142.9
10.4
7.0
0.906
119.5
0.9
1.11
3.7
-22.9
0.071
22.9
0.570
135.5
9.6
8.0
0.882
105.6
-0.8
0.92
-9.8
-21.3
0.086
14.5
0.567
127.3
6.8
9.0
0.887
96.4
-1.7
0.82
-22.2
-20.1
0.098
7.2
0.585
117.8
6.2
10.0
0.887
84.6
-2.9
0.72
-33.6
-19.3
0.109
-1.0
0.593
107.3
5.0
11.0
0.882
72.3
-3.9
0.64
-45.8
-18.5
0.119
-10.5
0.617
97.1
3.9
12.0
0.878
62.2
-5.0
0.56
-57.0
-18.0
0.126
-19.8
0.636
86.0
2.8
13.0
0.894
52.0
-6.4
0.48
-67.8
-17.8
0.130
-28.6
0.662
74.7
2.1
14.0
0.888
42.0
-7.6
0.42
-76.2
-17.3
0.137
-36.1
0.697
67.5
0.9
15.0
0.884
34.6
-8.3
0.38
-84.3
-16.6
0.147
-42.9
0.732
58.7
0.3
16.0
0.830
24.7
-9.5
0.34
-92.8
-16.1
0.156
-52.4
0.752
51.9
-1.8
17.0
0.708
11.0
-9.0
0.35
-99.5
-15.4
0.169
-63.8
0.816
46.1
-2.2
18.0
0.790
-12.7
-10.3
0.31
-93.1
-16.4
0.152
-82.8
0.660
41.2
-4.3
Freq
Fmin
Γopt
Γopt
Rn
Ga
GHz
dB
Mag.
Ang.
dB
0.5
1.20
0.47
170.00
2.8
22.8
1.0
1.30
0.53
-177.00
2.6
20.1
2.0
1.61
0.61
-166.34
2.7
17.3
3.0
1.68
0.69
-155.85
4.0
14.4
4.0
2.12
0.67
-146.98
8.4
11.6
5.0
2.77
0.71
-134.35
19.0
9.9
6.0
2.58
0.79
-125.22
26.7
8.8
7.0
2.85
0.82
-115.35
47.2
7.5
8.0
3.35
0.73
-105.76
65.2
5.7
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based on a set of
16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true Fmin is calculated.
Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the gate
lead. The output reference plane is at the end of the drain lead.
Typical Noise Parameters at 25
°C, VDS = 4.5V, IDS = 280 mA
Figure 40. MSG/MAG and |S21|
2 vs.
Frequency at 4.5V, 280 mA.
MAG
S21
FREQUENCY (GHz)
020
10
515
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
MSG


Similar Part No. - ATF-521P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Broadcom Corporation.
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8-BLK AVAGO-ATF-521P8-BLK Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
ATF-521P8-TR1 AVAGO-ATF-521P8-TR1 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
More results

Similar Description - ATF-521P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF501P8 HP-ATF501P8 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com