Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-521P8-BLK Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATF-521P8-BLK
Description  High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATF-521P8-BLK Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATF-521P8-BLK Datasheet HTML 3Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 4Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 5Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 6Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 7Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 8Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 9Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 10Page - List of Unclassifed Manufacturers ATF-521P8-BLK Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ATF-521P8 Typical Performance Curves (at 25
°C unless specified otherwise)
Tuned for Optimal P1dB
Note:
Bias current for the above charts are quiescent
conditions. Actual level may increase depending
on amount of RF drive.
Figure 24. OIP3 vs. Ids and Vds at 2 GHz.
Id (mA)
45
40
35
30
25
20
15
10
100
400
200
150
300
350
250
4.5V
4V
3V
200
150
300
350
250
4.5V
4V
3V
Figure 25. OIP3 vs. Ids and Vds at 900 MHz.
4.5V
4V
3V
Id (mA)
45
40
35
30
25
20
15
10
100
400
Figure 27. P1dB vs. Idq and Vds at 2 GHz.
4.5V
4V
3V
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 28. P1dB vs. Idq and Vds at 900 MHz.
4.5V
4V
3V
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 29. P1dB vs. Idq and Vds at 3.9 GHz.
4.5V
4V
3V
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 30. Gain vs Ids and Vds at 2 GHz.
4.5V
4V
3V
Id (mA)
17
15
13
11
9
7
5
100
400
200
150
300
350
250
Figure 31. Gain vs Ids and Vds at 900 MHz.
4.5V
4V
3V
Id (mA)
17
15
13
11
9
7
5
100
400
200
150
300
350
250
Figure 32. Gain vs Ids and Vds at 3.9 GHz.
Id (mA)
17
15
13
11
9
7
5
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 26. OIP3 vs. Ids and Vds at 3.9 GHz.
4.5V
4V
3V
Id (mA)
50
45
40
35
30
25
20
15
10
100
400
200
150
300
350
250


Similar Part No. - ATF-521P8-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8-BLK AVAGO-ATF-521P8-BLK Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
More results

Similar Description - ATF-521P8-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF501P8 HP-ATF501P8 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com