Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38853M2-XXXHP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38853M2-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38853M2-XXXHP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38853M2-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38853M2-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
1
GENERAL DESCRIPTION
The 3885 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3885 group is designed for Keyboard Controller for the note
book PC.
The multi-master I2C-bus interface can be added by option.
FEATURES
<Microcomputer mode>
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ................................................................. 32K to 60K bytes
RAM ............................................................... 1024 to 2048 bytes
qProgrammable input/output ports ............................................ 72
qSoftware pull-up transistors ....................................................... 8
qInterrupts ................................................. 22 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qWatchdog timer ............................................................ 16-bit ✕ 1
qPWM output .................................................................. 14-bit ✕ 2
qSerial I/O ....................... 8-bit ✕ 1(UART or Clock-synchronized)
qMulti-master I2C bus interface (option) ........................ 1 channel
qLPC interface .............................................................. 2 channels
qSerialized IRQ .................................................................. 3 factor
qA-D converter ............................................... 10-bit ✕ 8 channels
qD-A converter ................................................. 8-bit ✕ 2 channels
qComparator circuit ...................................................... 8 channels
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage ................................................ 3.0 to 3.6 V
qPower dissipation
In high-speed mode .......................................................... 20 mW
(at 8 MHz oscillation frequency, at 3.3 V power source voltage)
In low-speed mode ......................................................... 330 mW
(at 32 kHz oscillation frequency, at 3.3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
<Flash memory mode>
qSupply voltage ................................................. VCC = 3.3 ± 0.3V
qProgram/Erase voltage ................................. VPP = 5.0 V ± 10 %
qProgramming method ...................... Programming in unit of byte
qErasing method
Parallel I/O mode
CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
qOperating temperature range (at programming/erasing)
........................................................................ Room temperature
APPLICATION
Note book PC
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P30/PWM00
P31/PWM10
P62/AN2
P61/AN1
P44/RXD
P43/INT1
P63/AN3
P64/AN4
P65/AN5
P66/AN6
AVSS
P67/AN7
VREF
VCC
P80/LAD0
P81/LAD1
P82/LAD2
P83/LAD3
P84/LFRAME
P85/LRESET
P86/LCLK
P87/SERIRQ
P42/INT0
CNVSS
XIN
XOUT
VSS
RESET
P40/XCOUT
P41/XCIN
P16
P17
P26(LED2)
P25(LED1)
P24(LED0)
P23
P22
P21
P20/CMPREF
P27(LED3)
M38857M8-XXXHP
M38858MC-XXXHP
M38859M8-XXXHP
M38859FFHP
VPP
: Flash memory version
Fig. 1 Pin configuration
Package type : 80P6Q-A
PIN CONFIGURATION (TOP VIEW)


Similar Part No. - M38853M2-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38853M2-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com