Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C5V6ET1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BZX84C5V6ET1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C5V6ET1 Datasheet(HTML) 2 Page - ON Semiconductor

  BZX84C5V6ET1 Datasheet HTML 1Page - ON Semiconductor BZX84C5V6ET1 Datasheet HTML 2Page - ON Semiconductor BZX84C5V6ET1 Datasheet HTML 3Page - ON Semiconductor BZX84C5V6ET1 Datasheet HTML 4Page - ON Semiconductor BZX84C5V6ET1 Datasheet HTML 5Page - ON Semiconductor BZX84C5V6ET1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZX84C2V4ET1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @ VR = 0 and f = 1 MHz
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
(Devices listed in
bold, italic are ON Semiconductor Preferred devices.)
Device
VZ1 (V)
@IZT1 =5mA
(Note 4)
ZZT1
(
W)
@IZT1
VZ2 (V)
@IZT2 =1mA
(Note 4)
ZZT2
(
W)
@IZT2
VZ3 (V)
@IZT3=20 mA
(Note 4)
ZZT3
(
W)
@
Max
Reverse
Leakage
Current
qVZ
(mV/k)
@ IZT1=5 mA
C (pF)
@
VR =0
Device
Device
Mark-
ing
Min
Nom
Max
@ IZT1
=
5 mA
Min
Max
@ IZT2
=
1 mA
Min
Max
@
IZT3=
20 mA
VR
(V)
IR
mA
@
Min
Max
VR = 0
f =
1 MHz
BZX84C3V3ET1
BA4
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
−3.5
0
450
BZX84C4V7ET1
BA9
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
−3.5
0.2
260
BZX84C5V1ET1
BB1
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
−2.7
1.2
225
BZX84C5V6ET1
BB2
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
−2.0
2.5
200
BZX84C6V2ET1, G*
BB3
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
0.4
3.7
185
BZX84C6V8ET1
BB4
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
1.2
4.5
155
BZX84C7V5ET1
BB5
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
2.5
5.3
140
BZX84C10ET1
BB8
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
4.5
8.0
130
BZX84C12ET1
BC1
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
6.0
10.0
130
BZX84C15ET1
BC3
14.3
15
15.8
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
9.2
13.0
110
BZX84C16ET1
BC4
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
10.4
14.0
105
BZX84C18ET1
BC5
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16.0
100
BZX84C24ET1
BC8
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
18.4
22.0
80
Device
VZ1 Below
@IZT1 =2mA
ZZT1
Below
@IZT1
VZ2 Below
@IZT2 =
0.1 mA
ZZT2
Below
@IZT4
VZ3 Below
@IZT3 =10 m
A
ZZT3
Below
@IZT3
Max
Reverse
Leakage
Current
qVZ
(mV/k) Be-
low
@ IZT1 = 2
mA
C (pF)
@ VR
=0
Device
Device
Mark-
ing
Min
Nom
Max
@ IZT1
=
2 mA
Min
Max
@ IZT4
=
0.5 mA
Min
Max
@ IZT3
=
10 mA
VR
(V)
IR
mA
@
Min
Max
= 0
f =
1 MHz
BZX84C27ET1
BC9
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
21.4
25.3
70
BZX84C43ET1
BK6
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
37.6
46.6
40
* The “G” suffix indicates Pb−Free package available.
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C


Similar Part No. - BZX84C5V6ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C5V6ET1G ONSEMI-BZX84C5V6ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
BZX84C5V6ET1G ONSEMI-BZX84C5V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C5V6ET1G ONSEMI-BZX84C5V6ET1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 10
More results

Similar Description - BZX84C5V6ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com