Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-TMP Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY27SF161G2M-TMP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-TMP Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY27SF161G2M-TMP Datasheet HTML 7Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 8Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 9Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 10Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 11Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 12Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 13Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 14Page - Hynix Semiconductor HY27SF161G2M-TMP Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Rev 0.7 / Apr. 2005
11
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
2. BUS OPERATION
There are six standard bus operations that control the device. These are Command Input, Address Input, Data Input,
Data Output, Write Protect, and Standby.
Typically glitches less than 5 ns on Chip Enable, Write Enable and Read Enable are ignored by the memory and do not
affect bus operations.
2.1 Command Input.
Command Input bus operation is used to give a command to the memory device. Command are accepted with Chip
Enable low, Command Latch Enable High, Address Latch Enable low and Read Enable High and latched on the rising
edge of Write Enable. Moreover for commands that starts a modifying operation (write/erase) the Write Protect pin
must be high. See figure 7 and table 13 for details of the timings requirements. Command codes are always applied on
IO7:0, disregarding the bus configuration (X8/X16).
2.2 Address Input.
Address Input bus operation allows the insertion of the memory address. To insert the 27 addresses(x8 device) needed
to access the 1Gbit 4 clock cycles are needed. Addresses are accepted with Chip Enable low, Address Latch Enable
High, Command Latch Enable low and Read Enable high and latched on the rising edge of Write Enable. Moreover for
commands that starts a modify operation (write/erase) the Write Protect pin must be high. See figure 8 and table 13
for details of the timings requirements. Addresses are always applied on IO7:0, disregarding the bus configuration
(X8/X16).
2.3 Data Input.
Data Input bus operation allows to feed to the device the data to be programmed. The data insertion is serially and
timed by the Write Enable cycles. Data are accepted only with Chip Enable low, Address Latch Enable low, Command
Latch Enable low, Read Enable High, and Write Protect High and latched on the rising edge of Write Enable. See figure
9 and table 13 for details of the timings requirements.
2.4 Data Output.
Data Output bus operation allows to read data from the memory array and to check the status register content, the
lock status and the ID data. Data can be serially shifted out toggling the Read Enable pin with Chip Enable low, Write
Enable High, Address Latch Enable low, and Command Latch Enable low. See figures 10,12,13 and table 13 for details
of the timings requirements.
2.5 Write Protect.
Hardware Write Protection is activated when the Write Protect pin is low. In this condition modify operation do not
start and the content of the memory is not altered. Write Protect pin is not latched by Write Enable to ensure the pro-
tection even during the power up.
2.6 Standby.
In Standby mode the device is deselected, outputs are disabled and Power Consumption is reduced.


Similar Part No. - HY27SF161G2M-TMP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SF161G2A HYNIX-HY27SF161G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results

Similar Description - HY27SF161G2M-TMP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com