Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM128C08S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM128C08S
Description  128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM128C08S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM128C08S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM128C08S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Stock No. 23005-07 6/99
4
NanoAmp Solutions
EM128C08
TABLE 6: Timing Test Conditions
TABLE 7: Timing - EM128C08 (Standard Version) Only
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5VCC
Operating Temperature - Standard Version
-40 to +85 oC
Operating Temperature - Commercial Version
-20 to +80 oC
Output Load
CL = 50pF
Item
Symbol
1.5 to 3.6 V 1.8 to 3.6 V
2.7 to 3.6 V
3.0 to 3.6 V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
500
200
85
70
ns
Address Access Time
tAA
500
200
85
70
ns
Chip Enable Access Time
tCE
500
200
85
70
ns
Output Enable to Valid Output
tOE
100
50
20
20
ns
Chip Enable to Low-Z output
tLZ
0
0
0
0
ns
Output Enable to Low-Z Output
tOLZ
0
0
0
0
ns
Chip Disable to High-Z Output
tHZ
0
100
0
50
0
20
0
20
ns
Output Disable to High-Z Output
tOHZ
0
100
0
50
0
20
0
20
ns
Output Hold from Address Change
tOH
10
10
10
10
ns
Write Cycle Time
tWC
500
200
85
70
ns
Chip Enable to End of Write
tCW
500
200
85
70
ns
Address Valid to End of Write
tAW
500
200
85
70
ns
Address Set-Up Time
tAS
0
0
0
0
ns
Write Pulse Width
tWP
250
100
40
35
ns
Write Recovery Time
tWR
0
0
0
0
ns
Write to High-Z Output
tWHZ
0
50
0
40
0
20
0
20
ns
Data to Write Time Overlap
tDW
200
80
40
30
ns
Data Hold from Write Time
tDH
0
0
0
0
ns
End Write to Low-Z Output
tOW
10
10
10
10
ns


Similar Part No. - EM128C08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128L08N ETC1-EM128L08N Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128L08T ETC1-EM128L08T Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
More results

Similar Description - EM128C08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
NanoAmp Solutions, Inc.
N01M0818L1A NANOAMP-N01M0818L1A Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com