Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1396CN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT1396CN
Description  Preliminary Product Information 6-Channel DC-DC Converter for DS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1396CN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT1396CN Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1396CN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AT1396A/B/C/D
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
7
REVD: 05/05/23
Input Voltage Range
PVCC4 Channel 4,5,6 DC/DC
1.2
-
6.0
V
Normal Operating
Soft-Start Charge Current
ISS4/5/6 VCC =2.5V~5.5V
0.8
1
1.5
µA
FB4/5/6 Regulation
Voltage
VFB4/5/6
Ta=-20°C ~+85°C,
FB_=COMP_
0.784
0.8
0.816
V
FB5 Regulation Voltage
for LED Driver
VFB5
Ta=-20°C ~+85°C,
FB5=COMP5
0.19
0.20
0.21
V
FB5H OVP Trip Level
VFB5H Ta=-20°C ~+85°C,
0.98
1.00
1.02
V
Error Amplifier Voltage
Gain
AV
DC
80
-
-
dB
Error Amplifier Frequency
Bandwidth
BW
AV=0dB
-
5
-
MHz
VOH
-
1.0
-
V
Error Amplifier Output
Voltage
VOL
-
10
-
mV
Isource COMP=0.8V
-
-0.5
-
mA
Error Amplifier Output
Source Current
Isink
COMP=0.8V
-
60
-
µA
DMAX FB_=0.7V
85
90
95
%
Maximum Duty Cycle
DMAX FB5=0.1V
85
90
95
%
Output Source Current
Isource DUTY=90%,OUT=1/2VCC
-
-130
-80
mA
Output Sink Current
Isink
DUTY=0%,OUT=1/2VCC
65
100
-
mA
ROH OUT=-15mA
-
18
30
Output On-Resistor
ROL
OUT=15mA
-
16
25
SHORT CIRCUIT PROTECTION
Threshold Voltage
VTH CH3,CH4,CH5,CH6
-
0.9
-
V
CSCP Charge Current
ICSCP
0.8
1.0
1.5
µA
CONTROL BLOCK
VIH
PVCC1=VCC=1.5 ~5.5V
1.1
-
VCC
V
CTLU input Voltage
VIL
PVCC1=VCC=1.5 ~5.5V
0
-
0.5
V
VIH
PVCC1 , 2=VCC=1.5 ~5.5V
CTLD=VIH
1.1
-
VCC
V
CTLD input Voltage
VIL
PVCC1 , 2=VCC=1.5 ~5.5V
CTLD=VIH
0
-
0.5
V


Similar Part No. - AT1396CN

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1396CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
   PRELIMINARY PRODUCT INFORMATION
1999
logo
Kingbor Technology Co
KB3310 KINGBOR-KB3310 Datasheet
250Kb / 7P
   Preliminary Product Information MicroPower Charge Pump Converter
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Powerbox
D048C033T018M2N POWERBOX-D048C033T018M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com