Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-235 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCMS-235
Description  CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-235 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCMS-235 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCMS-235 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-235 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-235 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-235 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-235 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HCMS-235x
CMOS Extended Temperature Range
5 x 7 Alphanumeric Display
Data Sheet
Features
• On-Board low power CMOS IC
Integrated shift register with
constant current LED drivers
• Wide operating temperature range
-55°C to +100°C
• Compact glass ceramic 4
character package
Series X-Y stackable
• Sunlight viewable
• 5 x 7 LED matrix displays full
ASCII set
• Character height of 5.0 mm
(0.20 inch)
• Wide viewing angle
X Axis = ±50°
Y Axis = ±65°
• Usable in night vision lighting
applications
Typical Applications
• Avionics
• Communication systems
• Fire control systems
• Radar systems
Description
This sunlight viewable 5 x 7
LED four-character display is
contained in 12 pin dual-in-line
packages designed for
displaying alphanumeric
information. The display is
designed with on-board CMOS
integrated circuits. Two CMOS
ICs form an on-board 28-bit
serial-in/parallel-out shift
register with constant current
output LED row drivers.
Decoded column data is clocked
into the on-board shift register
for each refresh cycle. Full
character display is achieved
with external column strobing.


Similar Part No. - HCMS-235

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
   CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results

Similar Description - HCMS-235

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
   CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
logo
List of Unclassifed Man...
4N58 ETC-4N58 Datasheet
149Kb / 4P
   5 x 7 Alphanumeric Display With Logic
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
EUROQUARTZ limited
EM57T-KHZ EUROQUARTZ-EM57T-KHZ Datasheet
147Kb / 1P
   CMOS 7 x 5 x 2.5mm SMD, kHz Range
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com