Electronic Components Datasheet Search |
|
MAX1072 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX1072 Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 18 page 1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs 4 _______________________________________________________________________________________ Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and the offset error have been nulled. Note 2: No missing codes over temperature. Note 3: Conversion time is defined as the number of clock cycles (16) multiplied by the clock period. Note 4: At sample rates below 10ksps, the input full-linear bandwidth is reduced to 5kHz. Note 5: The listed value of three SCLK cycles is given for full-speed continuous conversions. Acquisition time begins on the 14th ris- ing edge of SCLK and terminates on the next falling edge of CNST. The IC idles in acquisition mode between conversions. Note 6: Undersampling at the maximum signal bandwidth requires the minimum jitter spec for SINAD performance. Note 7: Digital supply current is measured with the VIH level equal to VL, and the VIL level equal to GND. TIMING CHARACTERISTICS (VDD = +5V ±5%, VL = VDD, VREF = 4.096V, fSCLK = 28.8MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS SCLK Pulse-Width High tCH VL = 1.8V to VDD 15.6 ns SCLK Pulse-Width Low tCL VL = 1.8V to VDD 15.6 ns CL = 30pF, VL = 4.75V to VDD 14 CL = 30pF, VL = 2.7V to VDD 17 SCLK Rise to DOUT Transition tDOUT CL = 30pF, VL = 1.8V to VDD 24 ns DOUT Remains Valid After SCLK tDHOLD VL = 1.8V to VDD 4ns CNVST Fall to SCLK Fall tSETUP VL = 1.8V to VDD 10 ns CNVST Pulse Width tCSW VL = 1.8V to VDD 20 ns Power-Up Time; Full Power-Down TPWR-UP 2ms Restart Time; Partial Power-Down tRCV 16 Cycles CNVST SCLK DOUT tDHOLD tDOUT tSETUP tCSW tCL tCH Figure 1. Detailed Serial-Interface Timing GND 6k Ω CL DOUT DOUT CL GND VL a) HIGH-Z TO VOH, VOL TO VOH, AND VOH TO HIGH-Z b) HIGH-Z TO VOL, VOH TO VOL, AND VOL TO HIGH-Z 6k Ω Figure 2. Load Circuits for Enable/Disable Times |
Similar Part No. - MAX1072 |
|
Similar Description - MAX1072 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |