Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T73LVP20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T73LVP20
Description  3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T73LVP20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T73LVP20 Datasheet HTML 1Page - List of Unclassifed Manufacturers T73LVP20 Datasheet HTML 2Page - List of Unclassifed Manufacturers T73LVP20 Datasheet HTML 3Page - List of Unclassifed Manufacturers T73LVP20 Datasheet HTML 4Page - List of Unclassifed Manufacturers T73LVP20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T73LVP20
Preliminary Information
Table 1. Pin Description
Name
Description
Type
8-SOIC Pin #
6-SOT Pin #
NC
No Connection
-
1, 4, 6
4
Q
PECL data output
O
2
6
Qn
PECL complementary data output
O
3
5
VDD
Connect to +3.3V
P
8
1
D
LVTTL/LVCMOS data input
I
7
3
GND
Connect to ground
P
5
2
Legend: I = Input
O = Output
P = Power supply connection
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage
Referenced to GND
+5.0
V
VIN
Input voltage
Referenced to GND
-0.5
VDD
V
IOUT
Output current
Continuous
50
mA
TSTG
Storage temperature
-65
+150
oC
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and correct functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Power Supply Voltage
+3.0
+3.3
+3.6
V
TA
Ambient Temperature
-40
+85
oC
VIH
Input HIGH Voltage
+2.0
V
VIL
Input LOW Voltage
+0.8
V
T73LVP20PI
Page
2
Rev A February 23, 2004
TLSI Incorporated, 770 Park Avenue
, Huntington NY 11743 • (631) 755-7005 • Fax 631-755-7626 • www.tlsi.com


Similar Part No. - T73LVP20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
T73LVP22-S08 ETC1-T73LVP22-S08 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
T73LVP22-S08-TNR ETC1-T73LVP22-S08-TNR Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
More results

Similar Description - T73LVP20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com