Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S510432B-CL75 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4S510432B-CL75
Description  512Mb B-die SDRAM Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S510432B-CL75 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4S510432B-CL75 Datasheet HTML 6Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 7Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 8Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 9Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 10Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 11Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 12Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 13Page - Samsung semiconductor K4S510432B-CL75 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CMOS SDRAM
SDRAM 512Mb B-die (x4, x8, x16)
Revision. 1.1 August 2004
DC CHARACTERISTICS (x16)
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
75
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
100
mA
1
Precharge standby current in
power-down mode
ICC2PCKE
≤ VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active standby current in
power-down mode
ICC3PCKE
≤ VIL(max), tCC = 10ns
6
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
6
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
25
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
130
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
200
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C6
mA
3
L3
uA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S511632B-UC75
4. K4S511632B-UL75
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ)
Notes :


Similar Part No. - K4S510432B-CL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC75 SAMSUNG-K4S510432B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TCL75 SAMSUNG-K4S510432B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
More results

Similar Description - K4S510432B-CL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4T51043Q SAMSUNG-K4T51043Q Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4T51043QG SAMSUNG-K4T51043QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4T51043QE SAMSUNG-K4T51043QE Datasheet
943Kb / 45P
   512Mb E-die DDR2 SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com