Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-817B33AY-X Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-817B33AY-X
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B33AY-X Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-817B33AY-X Datasheet HTML 3Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 4Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 5Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 6Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 7Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 8Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 9Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 10Page - Seiko Instruments Inc S-817B33AY-X Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-817 Series
Seiko Instruments Inc.
7
Pin Configurations
Table 3
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VIN
Input voltage pin
3
VSS
GND pin
4
NC
*1
No connection
SNT-4A
Top view
1
4
2
3
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Figure 3
Table 4
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
4
NC
*1
No connection
4
3
1
2
SC-82AB
Top view
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Figure 4
Table 5
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
4
NC
*1
No connection
5
NC
*1
No connection
SOT-23-5
Top view
5
4
3
2
1
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Figure 5
Table 6
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
SOT-89-3
Top view
3
2
1
Figure 6


Similar Part No. - S-817B33AY-X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817B33AY-X-G SII-S-817B33AY-X-G Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-817B33AY-X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com