Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-G411-FD000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5082-G411-FD000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-G411-FD000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5082-G411-FD000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-G411-FD000 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
HDSP-A1xx
IV Bin Category
Min.
Max.
E
0.315
0.520
F
0.428
0.759
G
0.621
1.16
H
0.945
1.71
I
1.40
2.56
J
2.10
3.84
K
3.14
5.75
L
4.70
8.55
Intensity Bin Limits (mcd)
AlGaAs Red
HDSP-F1xx/G1xx
IV Bin Category
Min.
Max.
D
0.391
0.650
E
0.532
0.923
F
0.755
1.39
G
1.13
2.08
H
1.70
3.14
HDSP-H1xx/K1xx
IV Bin Category
Min.
Max.
C
0.415
0.690
D
0.565
0.990
E
0.810
1.50
F
1.20
2.20
G
1.80
3.30
H
2.73
5.00
I
4.09
7.50
Orange
HDSP-A41X
IV Bin Category
Min
Max
A
0.284
0.433
B
0.354
0.541
C
0.443
0.677
D
0.554
0.846
E
0.692
1.057
F
0.856
1.322
G
1.082
1.652
H
1.352
2.066
I
1.692
2.581
J
2.114
3.227
K
2.641
4.034
L
3.300
5.042
M
4.127
6.303
N
5.157
7.878
HDSP-F41X/G41X
IV Bin Category
Min
Max
C
0.485
0.890
D
0.728
1.333
E
1.091
2.000
F
1.636
3.000
G
2.454
4.500
H
3.682
6.751
HDSP-H41X/K41X
IV Bin Category
Min
Max
B
0.77
1.17
C
0.95
1.45
D
1.19
1.82
E
1.49
2.27
F
1.85
2.89
G
2.32
3.54
H
2.90
4.43


Similar Part No. - 5082-G411-FD000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-G401-00000 HP-5082-G401-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G401-00016 HP-5082-G401-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G403-00000 HP-5082-G403-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G403-00016 HP-5082-G403-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
More results

Similar Description - 5082-G411-FD000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com