Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38857M6-XXXHP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38857M6-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38857M6-XXXHP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38857M6-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38857M6-XXXHP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
6
GROUP EXPANSION
Mitsubishi plans to expand the 3885 group as follows.
Memory Type
Support for mask ROM, flash memory version.
Memory Size
ROM size ........................................................... 32 K to 60 K bytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
80P6Q-A .................................. 0.5 mm-pitch plastic molded LQFP
Fig. 4 Memory expansion plan
RAM size (bytes)
Remarks
Package
Table 3 Products plan list
Product name
As of May 2002
32768 (32638)
49152 (19022)
32768 (32638)
61440
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion
M38857M8-XXXHP
M38858MC-XXXHP
M38859M8-XXXHP
M38859FFHP
1024
1536
2048
2048
80P6Q-A
Mask ROM version
Flash memory version
M38857M8
60K
ROM size (bytes)
56K
48K
40K
32K
24K
16K
8K
256
512
768
1024
1280
1536
1792
2048
ROM
external
RAM size (bytes)
M38858MC
M38859FF
M38859M8


Similar Part No. - M38857M6-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38857M6-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com