Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB31356AFL Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB31356AFL
Description  1.8GHz,600MHz DUAL-PLL FREQUENCY SYNTHESIZER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB31356AFL Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB31356AFL Datasheet HTML 1Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 2Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 3Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 4Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 5Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 6Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 7Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 8Page - Toshiba Semiconductor TB31356AFL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TENTATIVE
TB31356AFL
This specification is design target. It is subject to change without notice
.
Nov. 27 2002
PAGE 3
PIN
No.
PIN
NAME
FUNCTION
INTERNAL EQUIVALENT
CIRCUIT
10
CP2
Charge pump output pin for PLL2.
Constant current output.
VCC
GND
11
GND
Ground pin.
-
12
FIN2
PLL2 prescaler input pin. Inputs
Frequency from VCO.
VCC
GND
13
STB
Strobe input pin.
14
DATA
Data input pin.
15
CLK
Clock input pin.
16
BS-PLL1
PLL1 battery saving pin.
GND
N=13,14,15,16
10
12
24K
1K
1K
N


Similar Part No. - TB31356AFL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB31 ETC2-TB31 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB31 TAITRON-TB31 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
TB31 ETC2-TB31 Datasheet
275Kb / 8P
   .375 (9.52mm) Center-to-Center Spacing
TB310 ETC2-TB310 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB310 TAITRON-TB310 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
More results

Similar Description - TB31356AFL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com