Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78Q2132 Datasheet(PDF) 11 Page - TDK Electronics

Part # 78Q2132
Description  1/10BASE-T HomePNA/Ethernet Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

78Q2132 Datasheet(HTML) 11 Page - TDK Electronics

Back Button 78Q2132 Datasheet HTML 7Page - TDK Electronics 78Q2132 Datasheet HTML 8Page - TDK Electronics 78Q2132 Datasheet HTML 9Page - TDK Electronics 78Q2132 Datasheet HTML 10Page - TDK Electronics 78Q2132 Datasheet HTML 11Page - TDK Electronics 78Q2132 Datasheet HTML 12Page - TDK Electronics 78Q2132 Datasheet HTML 13Page - TDK Electronics 78Q2132 Datasheet HTML 14Page - TDK Electronics 78Q2132 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
78Q2132
1/10BASE-TX
HomePNA/Ethernet Transceiver
11
REGISTER DESCRIPTION
The 2132 implements twenty user accessible 16-bit registers which are accessible through the Station
Management Interface on the MDIO and MDC pins.
The supported registers are shown below. Unsupported
registers will be read as all zeros. All of the registers respond to the broadcast address, PHYAD value 00000.
The register map is implemented in two pages, with page 0 being the power-up reset default. Page 0 implements
the standard 802.3 MII registers along with the vendor specific register set. The vendor specific registers 16, 17,
18, 19 are mapped into both pages for convenience and to implement the page selection via bit MR19.0. Page 1
contains the HomePNA specific registers. The MII management 16-bit register set implemented in the 2132 is as
follows:
ADDRESS
Page
SYMBOL
NAME
RESET VALUE (HEX)
0
0
MR0
Control
(0000)
1
0
MR1
Status
(1801)
2
0
MR2
PHY Identifier 1
000E
3
0
MR3
PHY Identifier 2
7121
4
0
MR4
Auto-Negotiation Advertisement
(0061)
5
0
MR5
Auto-Negotiation Link Partner Ability
0000
6
0
MR6
Auto-Negotiation Expansion
0000
7
0
MR7
(Not implemented, read as zero)
0000
8-15
0
MR8-15
(Reserved, read as zero)
0000
16
both
MR16
Vendor Specific
(0141)
17
both
MR17
Interrupt Control/Status Register
0000
18
both
MR18
Diagnostic Register
(0000)
19
both
MR19
HomePNA Register
0000
0
1
P1R0
HomePNA Control
0004
1
1
P1R1
HomePNA Status
0000
2
1
P1R2
HomePNA IMASK
0000
3
1
P1R3
HomePNA ISTAT
0000
4,5
1
P1R4,5
HomePNA TX_PCOM
00000000
6,7
1
P1R6,7
HomePNA RX_PCOM
00000000
Note: MR 3.3:0 contains revision specific data.
LEGEND
TYPE
DESCRIPTION
TYPE
DESCRIPTION
R
Read-able by management
W
Write-able by management
RC
Cleared on a read operation
SC
Self clearing, write-able
0/1
Default value upon power-up or reset
(0/1)
Default value dependent on pin setting. The value in
brackets indicates typical case.
In above table, the (xxxx) denotes that some of the bit values are determined by pin settings, and so, the default
may be a bit different.


Similar Part No. - 78Q2132

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78Q2133 TERIDIAN-78Q2133 Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
logo
Maxim Integrated Produc...
78Q2133 MAXIM-78Q2133 Datasheet
351Kb / 37P
   Full duplex operation capable
Rev. 2.0
logo
Teridian Semiconductor ...
78Q2133/F TERIDIAN-78Q2133/F Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
78Q2133R/F TERIDIAN-78Q2133R/F Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
More results

Similar Description - 78Q2132

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
Fujitsu Component Limit...
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
   EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
   10Base-T Transceiver Module
logo
Rhombus Industries Inc.
T-10800 RHOMBUS-IND-T-10800 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10802 RHOMBUS-IND-T-10802 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10903G RHOMBUS-IND-T-10903G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10800G RHOMBUS-IND-T-10800G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10908G RHOMBUS-IND-T-10908G Datasheet
39Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14018 RHOMBUS-IND-T-14018 Datasheet
27Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com