Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK16D-WSO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AK16D-WSO
Description  Standard Pitch DIP Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AK16D-WSO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AK16D-WSO Datasheet HTML 1Page - List of Unclassifed Manufacturers AK16D-WSO Datasheet HTML 2Page - List of Unclassifed Manufacturers AK16D-WSO Datasheet HTML 3Page - List of Unclassifed Manufacturers AK16D-WSO Datasheet HTML 4Page - List of Unclassifed Manufacturers AK16D-WSO Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


Similar Part No. - AK16D-WSO

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
More results

Similar Description - AK16D-WSO

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
   Micro Small Outline Package MSOP DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com