Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-7621 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-7621
Description  7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-7621 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-7621 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-7621 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• Industry Standard Size
• Industry Standard Pinout
7.62 mm (0.300 inch) DIP
Leads on 2.54 mm
(0.100 inch) Centers
• Choice of Colors
Red, AlGaAs Red, High
Efficiency Red, Yellow, Green
• Excellent Appearance
Evenly Lighted Segments
Gray Package Gives Optimum
Contrast
± 50° Viewing Angle
• Design Flexibility
Common Anode or
Common Cathode
Single Digits
Left or Right Hand Decimal
Point
± 1. Overflow Character
• Categorized for Luminous
Intensity
Yellow and Green Categorized
for Color
Use of Like Categories Yields a
Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit
String Multiplexing
• Intensity and Color
Selection Available
See Intensity and Color
Selected Displays Data Sheet
• Sunlight Viewable AlGaAs
Description
The 7.6 mm (0.3 inch) and 10.9
mm (0.43 inch) LED seven
Red
AlGaAs[1]
HER[1]
Yellow
Green
Package
5082-
Red HDSP-
5082-
5082-
HDSP-
Description
Drawing
7730
7610
7620
3600
7.6 mm Common Anode Left Hand Decimal
A
7731
7611
7621
3601
7.6 mm Common Anode Right Hand Decimal
B
7740
7613
7623
3603
7.6 mm Common Cathode Right Hand Decimal
C
7736
7616
7626
3606
7.6 mm Universal
± 1. Overflow Right Hand Decimal[2]
D
7750
E150
7650
7660
4600
10.9 mm Common Anode Left Hand Decimal
E
7751
E151
7651
7661
4601
10.9 mm Common Anode Right Hand Decimal
F
7760
E153
7653
7663
4603
10.9 mm Common Cathode Right Hand Decimal
G
7756
E156
7656
7666
4606
10.9 mm Universal
± 1. Overflow Right Hand Decimal[2]
H
Notes:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-E10X AlGaAs and HDSP-335X HER data
sheet for low current operation.
2. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagram D.
3. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagram H.
Devices
5082-761X Series
5082-762X Series
5082-765X Series
5082-766X Series
5082-773X Series
5082-7740
5082-775X Series
5082-7760
HDSP-360X Series
HDSP-460X Series
HDSP-E15X Series
7.6 mm (0.3 inch)/10.9 mm
(0.43 inch) Seven Segment
Displays
Technical Data
segment displays are designed for
viewing distances up to 3 metres
(10 feet) and 5 metres (16 feet).
These devices use an industry
standard size package and
pinouts. All devices are available
as either common anode or
common cathode.


Similar Part No. - 5082-7621

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-762X HP-5082-762X Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results

Similar Description - 5082-7621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com