Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-776X Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 5082-776X
Description  7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-776X Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  5082-776X Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-776X Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ambient design. The low current
displays are ideal for portable
applications. The high light
ambient displays are ideal for
high light ambients or long string
lengths. For additional informa-
tion see the Low Current Seven
Segment Displays, or High Light
Ambient Seven Segment Displays
data sheets.
NOTES;
1. DIMENSIONS IN
MILLIMETRES AND
(INCHES).
2. ALL UNTOLERANCED
DIMENSIONS ARE
FOR REFERENCE
ONLY.
3. REDUNDANT
ANODES.
4. UNUSED DP
POSITION.
5. SEE INTERNAL
CIRCUIT DIAGRAM.
6. REDUNDANT
CATHODE.
7. SEE PART NUMBER
TABLE FOR L.H.D.P.
AND R.H.D.P.
DESIGNATION.
8. FOR YELLOW AND
GREEN DEVICES
ONLY.
Package Dimensions
These displays are ideal for most
applications. Pin for pin equiva-
lent displays are also available in
a low current or high light


Similar Part No. - 5082-776X

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
5082-7760 QT-5082-7760 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
More results

Similar Description - 5082-776X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com