Electronic Components Datasheet Search |
|
HDSP-460X Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HDSP-460X Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 8 page Features • Industry Standard Size • Industry Standard Pinout 7.62 mm (0.300 inch) DIP Leads on 2.54 mm (0.100 inch) Centers • Choice of Colors Red, AlGaAs Red, High Efficiency Red, Yellow, Green • Excellent Appearance Evenly Lighted Segments Gray Package Gives Optimum Contrast ± 50° Viewing Angle • Design Flexibility Common Anode or Common Cathode Single Digits Left or Right Hand Decimal Point ± 1. Overflow Character • Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display • High Light Output • High Peak Current • Excellent for Long Digit String Multiplexing • Intensity and Color Selection Available See Intensity and Color Selected Displays Data Sheet • Sunlight Viewable AlGaAs Description The 7.6 mm (0.3 inch) and 10.9 mm (0.43 inch) LED seven Red AlGaAs[1] HER[1] Yellow Green Package 5082- Red HDSP- 5082- 5082- HDSP- Description Drawing 7730 7610 7620 3600 7.6 mm Common Anode Left Hand Decimal A 7731 7611 7621 3601 7.6 mm Common Anode Right Hand Decimal B 7740 7613 7623 3603 7.6 mm Common Cathode Right Hand Decimal C 7736 7616 7626 3606 7.6 mm Universal ± 1. Overflow Right Hand Decimal[2] D 7750 E150 7650 7660 4600 10.9 mm Common Anode Left Hand Decimal E 7751 E151 7651 7661 4601 10.9 mm Common Anode Right Hand Decimal F 7760 E153 7653 7663 4603 10.9 mm Common Cathode Right Hand Decimal G 7756 E156 7656 7666 4606 10.9 mm Universal ± 1. Overflow Right Hand Decimal[2] H Notes: 1. These displays are recommended for high ambient light operation. Please refer to the HDSP-E10X AlGaAs and HDSP-335X HER data sheet for low current operation. 2. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagram D. 3. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagram H. Devices 5082-761X Series 5082-762X Series 5082-765X Series 5082-766X Series 5082-773X Series 5082-7740 5082-775X Series 5082-7760 HDSP-360X Series HDSP-460X Series HDSP-E15X Series 7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays Technical Data segment displays are designed for viewing distances up to 3 metres (10 feet) and 5 metres (16 feet). These devices use an industry standard size package and pinouts. All devices are available as either common anode or common cathode. |
Similar Part No. - HDSP-460X |
|
Similar Description - HDSP-460X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |