Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5618 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5618
Description  Multi-System Power Supply for Audio Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5618 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5618 Datasheet HTML 1Page - Sanyo Semicon Device LA5618 Datasheet HTML 2Page - Sanyo Semicon Device LA5618 Datasheet HTML 3Page - Sanyo Semicon Device LA5618 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering number : ENN5672A
52804TN (OT) No. 5672-1/4
Overview
The LA5618 is a multi-system power supply IC with a
built-in on/off control function. It is optimal for use as the
power supply IC in CD players, mini-component stereo
systems, and other microcontroller controlled audio
equipment.
Functions
• Power supply IC with ±7.5 V outputs (±1.5 A) and an
on/off control function.
• The LA5618 is pin compatible with the LA5617.
Package Dimensions
unit: mm
3049B-SIP12H
27.0
20.0
12
1
0.5
2.0
4.0
0.4
2.0
2.5
1.0
SANYO: SIP12H
[LA5618]
LA5618
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Multi-System Power Supply for Audio Equipment
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VCC/VEE max
±18
V
Allowable power dissipation
Pd max
With no heat sink
2.4
W
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VCC/VEE
±9.5 to ±16
V
Output current
IOUT1
0 to 1.5
A
IOUT2
–1.5 to 0
A
Operating Conditions at Ta = 25°C


Similar Part No. - LA5618

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results

Similar Description - LA5618

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com