Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-6505-B10 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDS-6505-B10
Description  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6505-B10 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDS-6505-B10 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6505-B10 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PHOTO DIODES
COMPARATORS
INDEX-PROCESSING
CIRCUITRY
SIGNAL PROCESSING
CIRCUITRY
DETECTOR SECTION
CODE
WHEEL
EMITTER
SECTION
PCB/CABLE/CONNECTOR
LENS
LED
1) CHANNEL A
2) VCC
3) GND
4) NC
5) NC
6) GROUND
7) VCC
8) CHANNEL B
9) VCC
10) CHANNEL I
Pinout A
Pinout A
HEDS-65xx CONNECTOR
PIN OUT
1 Channel A
2 VCC
3 GND
4 NC
5 NC
6 GND
7 VCC
8 Channel B
9 VCC
10 Channel I
Pinout B
HEDL-65xx CONNECTOR
PIN OUT
1 NC
2 VCC
3 GND
4 NC
5 A
6 A
7 B
8 B
9 I (INDEX)
10 I (INDEX)
Connector Pin-out
1
2
9
10
There are two different connector pin-out configurations used with the HEDS-65xx / HEDL-65xx series of
encoders. The table below relates the part to its connector pin-out.
PHOTO DIODES
COMPARATORS
INDEX-PROCESSING
CIRCUITRY
SIGNAL PROCESSING
CIRCUITRY
DETECTOR SECTION
CODE
WHEEL
EMITTER
SECTION
PCB/CABLE/CONNECTOR
LENS
LED
1) NC
2) VCC
3) GND
4) NC
5) A
6) A
7) B
8) B
9) INDEX
10) INDEX
LINE
DRIVER
Pinout B


Similar Part No. - HEDS-6505-B10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-6500 HP-HEDS-6500 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6500 AVAGO-HEDS-6500 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
HEDS-6500 AVAGO-HEDS-6500 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-6505-B10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com