Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W946432AD Datasheet(PDF) 5 Page - Winbond

Part # W946432AD
Description  512K X 4 BANKS X 32 BITS DDR SDRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W946432AD Datasheet(HTML) 5 Page - Winbond

  W946432AD Datasheet HTML 1Page - Winbond W946432AD Datasheet HTML 2Page - Winbond W946432AD Datasheet HTML 3Page - Winbond W946432AD Datasheet HTML 4Page - Winbond W946432AD Datasheet HTML 5Page - Winbond W946432AD Datasheet HTML 6Page - Winbond W946432AD Datasheet HTML 7Page - Winbond W946432AD Datasheet HTML 8Page - Winbond W946432AD Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
W946432AD
ABSOLUTE MAXIMUM RATINGS*
SYMBOL
ITEM
RATING
UNIT
NOTES
VIN
Input Voltage
-0.3~ VDD +0.3
V
1
VOUT
Output Voltage
-0.3~ VDDQ+0.3
V
1
VDD
Power Supply Voltage
-0.3~4.6
V
1
VDDQ
I/O Power Supply Voltage
-0.3~3.6
V
1
TOPR
Operating Temperature
0~70
°
C
1
TSTG
Storage Temperature
-55~150
°
C
1
TSOLDER
Soldering Temperature(10s)
260
°
C
1
PD
Power Dissipation
1
W
1
IOUT
Short Circuit Output Current
50
mA
1
*Conditions outside the limits listed under “Absolute Maxi-mum Ratings” may cause permanent damage to the device.
CAPACITANCE (VDDQ = 2.5V, VDD = 2.5 ± 0.2, f 100 MHz, TA = 25 °C)
PARMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Input Capacitance: CK, CK
Cl1
2.5
3.5
pF
Input Capacitance: All other input-only pins
Cl2
2.5
3.5
pF
Input/Output Capacitance: DQ, DQS, DM
Cl0
4.0
5.5
pF
Note: These parameters are periodically sampled and not 100% tested.
ELECTRICAL CHARACTERISTICS AND DC OPERATING CONDITIONS
(0°C
TA 70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Supply Voltage (for devices with VDD of 2.5V)
VDD
2.3
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.7
V
I/O Reference Voltage
VREF
1.15
1.35
V
3
I/O Termination Voltage (system)
VTT
VREF -0.04
VREF + 0.04
V
4
Input High (Logic 1) Voltage
VIH(DC)
VREF +0.18
VDD + 0.3
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.3
VREF -0.18
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ + 0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
VDDQ + 0.6
V
5
INPUT LEAKAGE CURRENT
Any input 0V VIN VDD
(All other pins not under test = 0V)
II
-5
5
uA
OUTPUT LEAKAGE CURRENT
(DQs are disabled; 0V VOUT VDDQ)
IOZ
-5
5
uA
OUTPUT LEVELS
Output High Current (VOUT = 1.95V)
IOH
-15.2
m
A
Output Low Current (VOUT = 0.35V)
IOL
15.2
m
A


Similar Part No. - W946432AD

ManufacturerPart #DatasheetDescription
logo
Winbond
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6JH WINBOND-W9464G6JH Datasheet
1Mb / 52P
   1M ??4 BANKS ??16 BITS DDR SDRAM
More results

Similar Description - W946432AD

ManufacturerPart #DatasheetDescription
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9425G6JB WINBOND-W9425G6JB Datasheet
988Kb / 50P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH_13 Datasheet
940Kb / 52P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com