Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W946432AD Datasheet(PDF) 6 Page - Winbond

Part # W946432AD
Description  512K X 4 BANKS X 32 BITS DDR SDRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W946432AD Datasheet(HTML) 6 Page - Winbond

Back Button W946432AD Datasheet HTML 2Page - Winbond W946432AD Datasheet HTML 3Page - Winbond W946432AD Datasheet HTML 4Page - Winbond W946432AD Datasheet HTML 5Page - Winbond W946432AD Datasheet HTML 6Page - Winbond W946432AD Datasheet HTML 7Page - Winbond W946432AD Datasheet HTML 8Page - Winbond W946432AD Datasheet HTML 9Page - Winbond W946432AD Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
W946432AD
AC OPERATING CONDITIONS
(0°C
TA 70°C; VDDQ = +2.5V ± 0.2V, VDD = +2.5V ± 0.2V)
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH
(AC)
VREF +
0.35
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL
(AC)
VREF -
0.35
V
Input Differential Voltage, CK and CK inputs
VID
(AC)
0.7
VDDQ + 0.6
V
5
Input Crossing Point Voltage, CK and CK inputs
VIX
(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
7
IDD SPECIFICATIONS AND CONDITIONS
(0°C
TA 70°C; VDDQ = +2.5V ± 0.2V, VDD = +2.5V ± 0.2V)
MAX
SYMBOL
UNITS
NOTES
OPERATING CURRENT: One Bank; Active-Precharge;
tRC = tRC MI
N; tCK = tCK MIN; DQ, DM and DQS inputs changing twice per
clock cyle; address and control inputs changing once per clock cycle
IDD0
TBD
mA
OPERATING CURRENT: One Bank; Active-Read-Precharge;
Burst = 2; tRC = tRC MI
N; CL = 3 ; tCK = tCK MIN; IOUT= 0 mA;
Address and control inputs changing once per clock cycle
IDD1
TBD
mA
PRECHARGE POWER-DOWN STANDBY CURRENT: All banks idle;
power-down mode; CKE
VIL (MAX); tCK = tCK MIN
IDD2P
TBD
mA
IDLE STANDBY CURRENT: CS
VIH (MIN); All banks idle;
CKE
VIH (MIN); tCK = tCK MIN; Address and other control inputs
changing once per clock cycle
IDD2N
TBD
mA
ACTIVE POWER-DOWN STANDBY CURRENT: One bank active;
power-down mode; CKE
VIL (MAX); tCK = tCK MIN
IDD3P
TBD
mA
ACTIVE STANDBY CURRENT: CS
VIH (MIN); CKE VIH (MIN);
One bank; Active-Precharge; tRC = tRAS MA
X; tCK = tCK MIN; DQ,
DM and DQS inputs changing twice per clock cycle; address and
other control inputs changing once per clock cycle
IDD3N
TBD
mA
OPERATING CURRENT: Burst = 2; Reads; Continuous burst;
One bank active; Address and control inputs changing once per clock
cycle; CL = 3 ; tCK = tCK MIN; IOUT = 0 mA
IDD4R
TBD
mA
OPERATING CURRENT: Burst = 2; Writes; Continuous burst;
One bank active; Address and control inputs changing once per clock
cycle; CL = 3 ; tCK = tCK MIN; DQ, DM and DQS inputs changing
twice per clock cycle
IDD4W
TBD
mA
AUTO REFRESH CURRENT: tRC = tRFC (MI
N)
IDD5
TBD
mA
SELF REFRESH CURRENT: CKE
0.2V
IDD6
TBD
mA


Similar Part No. - W946432AD

ManufacturerPart #DatasheetDescription
logo
Winbond
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6JH WINBOND-W9464G6JH Datasheet
1Mb / 52P
   1M ??4 BANKS ??16 BITS DDR SDRAM
More results

Similar Description - W946432AD

ManufacturerPart #DatasheetDescription
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9425G6JB WINBOND-W9425G6JB Datasheet
988Kb / 50P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH_13 Datasheet
940Kb / 52P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com