Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR420A Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR420A
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR420A Datasheet(HTML) 2 Page - International Rectifier

  IRFR420A Datasheet HTML 1Page - International Rectifier IRFR420A Datasheet HTML 2Page - International Rectifier IRFR420A Datasheet HTML 3Page - International Rectifier IRFR420A Datasheet HTML 4Page - International Rectifier IRFR420A Datasheet HTML 5Page - International Rectifier IRFR420A Datasheet HTML 6Page - International Rectifier IRFR420A Datasheet HTML 7Page - International Rectifier IRFR420A Datasheet HTML 8Page - International Rectifier IRFR420A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR420A/IRFU420A
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
1.4
–––
–––
SVDS = 50V, ID = 1.5A
Qg
Total Gate Charge
–––
–––
17
ID = 2.5A
Qgs
Gate-to-Source Charge
–––
–––
4.3
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
8.5
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
8.1
–––
VDD = 250V
tr
Rise Time
–––
12
–––
ID = 2.5A
td(off)
Turn-Off Delay Time
–––
16
–––
RG = 21Ω
tf
Fall Time
–––
13
–––
RD = 97Ω,See Fig. 10
„
Ciss
Input Capacitance
–––
340
–––
VGS = 0V
Coss
Output Capacitance
–––
53
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
2.7
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
490
–––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
15
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
28
–––
VGS = 0V, VDS = 0V to 400V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 2.5A, VGS = 0V
„
trr
Reverse Recovery Time
–––
330
500
ns
TJ = 25°C, IF = 2.5A
Qrr
Reverse RecoveryCharge
–––
760 1140
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
3.3
10
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.60
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
3.0
VGS = 10V, ID = 1.5A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 500V, VGS = 0V
–––
–––
250
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 2.5A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting T
J = 25°C, L = 45mH
RG = 25Ω, IAS = 2.5A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS


Similar Part No. - IRFR420A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR420A VISHAY-IRFR420A Datasheet
167Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR420A KERSEMI-IRFR420A Datasheet
2Mb / 7P
   Power MOSFET
IRFR420A KERSEMI-IRFR420A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR420A ISC-IRFR420A Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR420A VISHAY-IRFR420A Datasheet
267Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR420A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com