Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-6545-A08 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HEDS-6545-A08
Description  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6545-A08 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HEDS-6545-A08 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HEDS-6545-A08 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
17.27
(0.680)
24.38
(0.960)
—A—
MOTOR SHAFT CENTER
ALIGNING PINS
2.39/2.34 DIA. – 0.76 HIGH
(0.094/0.092–0.030)
0.25 (0.010) x
45° CHAMFER
2 PLACES
∅ 0.15 (0.006) A
15.88
(0.625)
2.62
(0.103)
ALIGNMENT BOSS
∅ 26.010/25.984
(
∅ 1.024/1.023)
5.7 (0.225) TALL MAX.
∅ 0.15 (0.006) A
2 SCREW MOUNTING
M2.5 (2-56 UNC-2B)
2 PLCS – EQUALLY
SPACED ON
46.00 (1.811) DIA.
BOLT CIRCLE
∅ 0.25 (0.010) A
TYPICAL DIMENSIONS IN MILLIMETERS AND (INCHES).
Mounting Considerations
The HEDS-654x/HEDL-654x must be aligned with respect to the optical center (codewheel shaft) as
indicated in the following figure.
The following figure shows how the main encoder components are organized.
If neither locating pins nor locating boss are available, then a centering tool supplied by Agilent can be used
(HEDS-6510).
Encoder Mounting and Assembly
EXPLODED VIEW


Similar Part No. - HEDS-6545-A08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-6540 HP-HEDS-6540 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6540 AVAGO-HEDS-6540 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-6545-A08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com