Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5314 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5314
Description  Two/Three/Four-Phase Buck CPU Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5314 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5314 Datasheet HTML 1Page - ON Semiconductor NCP5314 Datasheet HTML 2Page - ON Semiconductor NCP5314 Datasheet HTML 3Page - ON Semiconductor NCP5314 Datasheet HTML 4Page - ON Semiconductor NCP5314 Datasheet HTML 5Page - ON Semiconductor NCP5314 Datasheet HTML 6Page - ON Semiconductor NCP5314 Datasheet HTML 7Page - ON Semiconductor NCP5314 Datasheet HTML 8Page - ON Semiconductor NCP5314 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
NCP5314
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering, Reflow (Note 1)
230 peak
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility: Human Body Model
2.0
kV
JEDEC Moisture Sensitivity Level (MSL): LQFP
QFN
1
2
Package Thermal Resistance: RθJA
LQFP
QFN, Pad Soldered to PCB
52
34
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Number
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
1−3, 30−32
VID0−VID5
18 V
−0.3 V
1.0 mA
1.0 mA
4
PWRGDS
7.0 V
−0.3 V
1.0 mA
1.0 mA
5
VFFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
6
SS
7.0 V
−0.3 V
1.0 mA
1.0 mA
7
PWRGD
18 V
−0.3 V
1.0 mA
20 mA
8
DRVON
7.0 V
−0.3 V
1.0 mA
1.0 mA
9
SGND
1.0 V
−1.0 V
1.0 mA
10
VDRP
7.0 V
−0.3 V
1.0 mA
1.0 mA
11
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
12
COMP
7.0 V
−0.3 V
1.0 mA
1.0 mA
13
CS4N
18 V
−0.3 V
1.0 mA
1.0 mA
14
CS4P
18 V
−0.3 V
1.0 mA
1.0 mA
15
CS3N
18 V
−0.3 V
1.0 mA
1.0 mA
16
CS3P
18 V
−0.3 V
1.0 mA
1.0 mA
17
GND
0.4 A, 1.0
ms, 100 mA DC
18−21
GATE4−GATE1
18 V
−0.3 V
0.1 A, 1.0
ms, 25 mA DC
0.1 A, 1.0
ms, 25 mA DC
22
VCC
18 V
−0.3 V
0.4 A, 1.0
ms, 100 mA DC
23
ROSC
7.0 V
−0.3 V
1.0 mA
1.0 mA
24
ILIM
7.0 V
−0.3 V
1.0 mA
1.0 mA
25
CS1P
18 V
−0.3 V
1.0 mA
1.0 mA
26
CS1N
18 V
−0.3 V
1.0 mA
1.0 mA
27
CS2P
18 V
−0.3 V
1.0 mA
1.0 mA
28
CS2N
18 V
−0.3 V
1.0 mA
1.0 mA
29
ENABLE
18 V
−0.3 V
1.0 mA
1.0 mA


Similar Part No. - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5314 ONSEMI-NCP5314 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314 ONSEMI-NCP5314 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5314FTR2 ONSEMI-NCP5314FTR2 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314FTR2G ONSEMI-NCP5314FTR2G Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314MNR2 ONSEMI-NCP5314MNR2 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
More results

Similar Description - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
uPI Group Inc.
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
   Compact Three-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com