Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S561632E-UC60 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S561632E-UC60
Description  256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561632E-UC60 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S561632E-UC60 Datasheet HTML 5Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 6Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 7Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 8Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 9Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 10Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 11Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 12Page - Samsung semiconductor K4S561632E-UC60 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SDRAM 256Mb E-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.3 August 2004
SDRAM 256Mb E-die (x4, x8, x16)
SDRAM 256Mb E-die (x4, x8, x16)
SDRAM 256Mb E-die (x4, x8, x16)
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit Note
60
75
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
140
90
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE & CLK
VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK
VIL(max), tCC = ∞
Input signals are stable
10
Active standby current in
power-down mode
ICC3P
CKE
VIL(max), tCC = 10ns
6
mA
ICC3PS
CKE & CLK
VIL(max), tCC = ∞
6
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
25
mA
ICC3NS
CKE
≥ VIH(min), CLK
VIL(max), tCC = ∞
Input signals are stable
25
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4banks Activated.
tCCD = 2CLKs
170
130
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
200
180
mA
2
Self refresh current
ICC6
CKE
0.2V
C
3
mA
3
L
1.5
mA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S561632E-UC
4. K4S561632E-UL
5. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
Notes :
DC CHARACTERISTICS (x16)


Similar Part No. - K4S561632E-UC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561632E-TC60 SAMSUNG-K4S561632E-TC60 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S561632E-TC75 SAMSUNG-K4S561632E-TC75 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S561632E-TL60 SAMSUNG-K4S561632E-TL60 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S561632E-TL75 SAMSUNG-K4S561632E-TL75 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
More results

Similar Description - K4S561632E-UC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com