Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDM-6505-T08 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HEDM-6505-T08
Description  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDM-6505-T08 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HEDM-6505-T08 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDM-6505-T08 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, typical at 25
°C.
Part Number
Symbol*
Min.
Typ.
Max.
Units
Notes
HEDS-6500
Icc
17
40
mA
VOH
2.4
V
IOH = -40 µA max
VOL
0.4
V
IOL = 3.2 mA
tr
200
ns
CL = 25 pF, RL = 11 kΩ pull-up.
tf
50
ns
HEDS-6540
Icc
30
57
85
mA
VOH
2.4
V
IOH = -200 µA max
VOL
0.4
V
IOL = 3.86 mA
tr
180
ns
CL = 25 pF, RL = 3.3 kΩ pull-up.
tf
40
ns
*Explanation for symbols.
Icc – Supply current, VOH – High Level Output Voltage, VOL – Low Level Output Voltage, tr – Rise Time, tf – Fall Time.
Electrical Interfaces
To insure reliable encoding performance, the HEDS-6540 three channel encoder requires 2.7 k
Ω pull-up
resistors to the supply voltage on each of the three output lines Ch. A, Ch. B, and Ch. I located as close as
possible to the encoder (less than 4 feet).
Parameter
Symbol
Dimensions
Tolerances [1]
Units
Moment Of Inertia
J
7.7 (110 x 10-6)
gcm2 (oz-in-s2)
Required Shaft Length [2]
15.9 (0.625)
± 0.6 (.024)
mm (inches)
Bolt Circle [3]
46.0 (1.811)
± 0.13 (.005)
mm (inches)
Mounting Screw Size [4]
2.5 x 0.45 x 5
mm
Pan Head Style
#2-56 x 3/16
Inches
Encoder Base Plate Thickness
3.04 (120)
mm (inches)
Mounting Screw Torque
1.0 (0.88)
Kg (in-lbs)
Hub Set Screw
UNC #2-56
Hex head set screw
Notes:
1. These are tolerances required of the user.
2. Through hole in the encoder housing are also available, for longer shafts.
3. The HEDL-65X0 must be aligned using the aligning pins as specified in the section on “MOUNTING CONSIDERATIONS.”
4. The recommended mounting screw torque for 2 screws is 1.0 Kg (0.88 in-lbs).
Mechanical Characteristics


Similar Part No. - HEDM-6505-T08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDM-65XX HP-HEDM-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Similar Description - HEDM-6505-T08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com