Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1143 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1143
Description  1MHz 400mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1143 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1143 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1143 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics
1
T
A = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Step-Down Converter
V
IN
Input Voltage
2.7
5.5
V
V
IN Rising
2.6
V
V
UVLO
UVLO Threshold
Hysteresis
100
mV
V
IN Falling
1.8
V
V
OUT
Output Voltage Tolerance
I
OUT = 0 to 400mA,
-3.0
+3.0
%
V
IN = 2.7V to 5.5V
V
OUT
Output Voltage Range
Fixed Output Version
0.6
4.0
V
Adjustable Output Version
2
0.6
2.5
I
Q
Quiescent Current
No Load, 0.6V Adjustable
25
50
µA
Version
I
SHDN
Shutdown Current
EN = AGND = PGND
1.0
µA
I
LIM
P-Channel Current Limit
600
mA
R
DS(ON)H
High Side Switch On Resistance
0.45
R
DS(ON)L
Low Side Switch On Resistance
0.40
I
LXLEAK
LX Leakage Current
V
IN = 5.5V, VLX = 0 to VIN,
1µA
EN = GND
∆V
Linereg
Line Regulation
V
IN = 2.7V to 5.5V
0.2
%/V
V
OUT
Out Threshold Voltage Accuracy
0.6V Output, No Load
597
600
615
mV
T
A = 25°C
I
OUT
Out Leakage Current
0.6V Output
0.2
µA
R
OUT
Out Impedance
>0.6V Output
250
k
F
OSC
Oscillator Frequency
T
A = 25°C
0.7
1.0
1.5
MHz
T
SD
Over-Temperature Shutdown Threshold
140
°C
T
HYS
Over-Temperature Shutdown Hysteresis
15
°C
EN
V
EN(L)
Enable Threshold Low
0.6
V
V
EN(H)
Enable Threshold High
1.4
V
I
EN
Input Low Current
V
IN = VFB = 5.5V
-1.0
1.0
µA
AAT1143
1MHz 400mA Step-Down Converter
4
1143.2005.09.1.7
1. The AAT1143 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. For adjustable version with higher than 2.5V output, please consult your AnalogicTech representative.


Similar Part No. - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1143IJS-0.6-T1 ANALOGICTECH-AAT1143IJS-0.6-T1 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143IJS-0.6-T1 SKYWORKS-AAT1143IJS-0.6-T1 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1143IJS-1.2-T1 ANALOGICTECH-AAT1143IJS-1.2-T1 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
More results

Similar Description - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com