Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFK1V151P Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEEFK1V151P
Description  ALUMINUM ELEECTROLYTIC CAPACITORS/FK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1V151P Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEEFK1V151P Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1V151P Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1V151P Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1V151P Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1V151P Datasheet HTML 5Page - Panasonic Semiconductor EEEFK1V151P Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aluminum Electrolytic Capacitor/FK
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
Standard Products
n
(µF)
(mm) (mm)
(m A )
Part No.
(RoHS:
compliant)
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
W.V.
Ripple
current
(100kHz)
(+105
°C)
Min.
Packaging
Q'ty
Size
Code
Impe-
dance
(100kHz)
(+20
°C)
tan
δ
(120Hz)
(+20
°C)
(pcs)
(V)
(
Ω)
4.7
10
22
33
47
68
100
150
220
470
680
3.3
4.7
10
22
33
47
68
100
150
330
470
22
33
47
68
100
150
220
330
5
6.3
6.3
8
8
8
8
10
12.5
12.5
16
18
5
6.3
6.3
8
8
8
10
12.5
12.5
12.5
16
18
8.0
10
12.5
12.5
16
16
18
18
5.8
5.8
7.7
6.2
10.2
10.2
10.2
10.2
13.5
13.5
16.5
16.5
5.8
5.8
7.7
6.2
10.2
10.2
10.2
13.5
13.5
13.5
16.5
16.5
10.2
10.2
13.5
13.5
16.5
16.5
16.5
16.5
C
D
D8
E
F
F
F
G
H13
H13
J16
K16
C
D
D8
E
F
F
G
H13
H13
H13
J16
K16
F
G
H13
H13
J16
J16
K16
K16
50
80
120
120
250
250
250
400
800
800
1410
1690
25
40
60
60
130
130
200
500
500
500
793
917
130
200
500
500
793
793
917
917
3.0
1.5
1.2
1.2
0.65
0.65
0.65
0.35
0.16
0.16
0.082
0.08
5.0
3.0
2.4
2.4
1.3
1.3
0.7
0.32
0.32
0.32
0.17
0.153
1.3
0.7
0.32
0.32
0.17
0.17
0.153
0.153
EEVFK1J4R7R
EEVFK1J100P
EEVFK1J220XP
EEVFK1J220P
EEVFK1J330P
EEVFK1J470P
EEVFK1J680UP
EEVFK1J101P
EEVFK1K3R3R
EEVFK1K4R7P
EEVFK1K100XP
EEVFK1K100P
EEVFK1K220P
EEVFK1K330P
EEVFK1K470P
EEVFK2A220P
EEVFK2A330P
1000
1000
900
1000
500
500
500
500
200
200
125
125
1000
1000
900
1000
500
500
500
200
200
200
125
125
500
500
200
200
125
125
125
125
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
80
100
Endurance: 2000 to 5000h at 105
°C
63
Part No.
(RoHS:
not compliant)
EEEFK1J4R7R
EEEFK1J100P
EEEFK1J220XP
EEEFK1J220P
EEEFK1J330P
EEEFK1J470P
EEEFK1J680UP
EEEFK1J101P
EEVFK1J151Q
EEVFK1J221Q
EEVFK1J471M
EEVFK1J681M
EEEFK1K3R3R
EEEFK1K4R7P
EEEFK1K100XP
EEEFK1K100P
EEEFK1K220P
EEEFK1K330P
EEEFK1K470P
EEVFK1K680Q
EEVFK1K101Q
EEVFK1K151Q
EEVFK1K331M
EEVFK1K471M
EEEFK2A220P
EEEFK2A330P
EEVFK2A470Q
EEVFK2A680Q
EEVFK2A101M
EEVFK2A151M
EEVFK2A221M
EEVFK2A331M
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(2)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(2)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(2)
(2)
(2)
(2)
(2)
(5)
(5)
(2)
(2)
(2)
(2)
(2)
(2)
The taping dimension are explained on p.187 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-5) listed in a last page.


Similar Part No. - EEEFK1V151P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1V151P PANASONIC-EEEFK1V151P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V151P PANASONIC-EEEFK1V151P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V151P PANASONIC-EEEFK1V151P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V151P PANASONIC-EEEFK1V151P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1V151P PANASONIC-EEEFK1V151P Datasheet
105Kb / 4P
   Surface Mount Type
More results

Similar Description - EEEFK1V151P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVR1A331MEA ETC1-UVR1A331MEA Datasheet
65Kb / 2P
   ALUMINUM ELEECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com